Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX710ESE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX710ESE
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710ESE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX710ESE Datasheet HTML 1Page - Maxim Integrated Products MAX710ESE Datasheet HTML 2Page - Maxim Integrated Products MAX710ESE Datasheet HTML 3Page - Maxim Integrated Products MAX710ESE Datasheet HTML 4Page - Maxim Integrated Products MAX710ESE Datasheet HTML 5Page - Maxim Integrated Products MAX710ESE Datasheet HTML 6Page - Maxim Integrated Products MAX710ESE Datasheet HTML 7Page - Maxim Integrated Products MAX710ESE Datasheet HTML 8Page - Maxim Integrated Products MAX710ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VPS = 5.6V, STBY = PS, CREF = 0.1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PS, LX, OUT to GND............................................-0.3V to +11.5V
ILIM, SHDN, STBY, FB, 3/5, N/E, LBO,
LBI-, LBI+, REF to GND ...........................-0.3V to (VPS + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
REF Short Circuit to GND ...........................................Continuous
IOUT...................................................................................700mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 8.70mW/°C above +70°C) ..........................696mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ILIM = GND
ILIM = PS
VLX = 5.6V
MAX711, VPS = 2.7V
MAX710, VPS = 3.7V
VSTBY = 0V, linear regulator
VPS = 5.6V
FB = 1.25V
TA = -40°C to +85°C, IREF = 0
TA = 0°C to +85°C, IREF = 0
MAX711
VSTBY = VSHDN = logic high, current measured
into PS pin; ILOAD = 0
VSTBY = 0V
VSHDN = 0V
MAX711, OUT = FB
CONDITIONS
A
1.1
1.5
1.95
LX Current Limit
0.5
0.8
1.3
µA
0.1
1
LX Leakage Current
0.6
1.2
LX On-Resistance
0.3
0.9
0.2
0.6
nA
1
50
FB Input Current
mV
1.18
1.25
1.31
FB Voltage
V
0.9
Full Load Start-Up Voltage
1.20
1.25
1.29
mA
10
Standby Output Current
V
1.23
1.28
1.32
Reference Voltage
1.24
1.28
1.31
V
FB
5.5
Output Voltage-Adjustment Range
µA
100
140
Quiescent Current
µA
7
16
Standby Quiescent Current
µA
0.1
5
Shutdown Quiescent Current
UNITS
MIN
TYP
MAX
PARAMETER
TA = 0°C to +85°C
TA = -40°C to +85°C
0mA
≤ ILOAD
≤ 250mA
MAX711, OUT = FB
%
0.1
1
Load Regulation
3/5 = low,
IOUT = 0 to 250mA
V
4.8
5.0
5.2
TA = 0°C to +85°C
4.6
5.0
5.3
TA = -40°C to +85°C
3/5 = high, IOUT = 0 to
250mA, VPS = 4.7V
3.17
3.3
3.43
TA = 0°C to +85°C
3.05
3.3
3.55
TA = -40°C to +85°C
Output Voltage (MAX710)
0 < IOUT < 250mA, STBY = PS
%
0.5
Output Voltage Load Regulation
STBY = PS, 1.8V to 5V
%/V
0.3
Output Voltage Line Regulation
N/E = GND (Note 2)
N/E = PS
V
1.8
7.0
1.8
11.0
Input Voltage


Similar Part No. - MAX710ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
   Single-Chip Electricity Meter AFE
Rev 0; 7/12
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
   Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
1Mb / 17P
   Highly Accurate AFE for Testing
Rev 0; 6/15
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
MAX71020AETI++ MAXIM-MAX71020AETI+ Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
More results

Similar Description - MAX710ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com