Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8670410V9A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670410V9A
Description  QML CLASS V, CURRENT-MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-8670410V9A Datasheet(HTML) 4 Page - Texas Instruments

  5962-8670410V9A Datasheet HTML 1Page - Texas Instruments 5962-8670410V9A Datasheet HTML 2Page - Texas Instruments 5962-8670410V9A Datasheet HTML 3Page - Texas Instruments 5962-8670410V9A Datasheet HTML 4Page - Texas Instruments 5962-8670410V9A Datasheet HTML 5Page - Texas Instruments 5962-8670410V9A Datasheet HTML 6Page - Texas Instruments 5962-8670410V9A Datasheet HTML 7Page - Texas Instruments 5962-8670410V9A Datasheet HTML 8Page - Texas Instruments 5962-8670410V9A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Temp Stability +
V
REF
(max) * VREF (min)
TJ(max) * TJ (min)
A + D
VPIN 1
DVPIN 3
, 0 v VPIN 3 v 0.8 V
VREF(max) and VREF(min) are the maximum and minimum reference voltages measured over
(7)
Gain defined as:
UC1843-SP
SLUS981 – MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for –55°C
≤ TA ≤ 125°C; VCC = 15 V
(1); R
T = 10 kW; CT = 3.3 nF,TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
For SMD device option 10
4.94
5.00
5.06
Output Voltage(2)
TJ = 25°C, IO = 1 mA
V
For SMD device option 02
4.95
5.00
5.05
Line Regulation
12 V
≤ VIN ≤ 25 V
6
20
mV
Load Regulation
1 mA
≤ IO ≤ 20 mA
6
25
Temperature Stability
See (3) (4)
0.2
0.4 mV/°C
Total Output Variation
Line, load, tempature (3)
4.9
5.1
V
Output Noise Voltage
10 Hz
≤ f ≤ 10 kHz, TJ = 25°C
(3)
50
mV
Long Term Stability
TA = 125°C, 1000 Hrs
(3)
5
25
mV
Output Short Circuit
–30
–100
–180
mA
OSCILLATOR SECTION
Initial Accuracy
TJ = 25°C
(5)
47
52
57
kHz
Voltage Stability
12 V
≤ VCC ≤ 25 V
0.2
1
%
Temperature Stability
TMIN ≤ TA ≤ TMAX
(3)
%
Amplitude
VPIN 4 peak-to-peak
(3)
1.7
V
ERROR AMP SECTION
Input Voltage
VPIN 1 = 2.5 V
2.45
2.50
2.55
V
Input Bias Current
–0.3
–1
mA
AVOL
2 V
≤ VO ≤ 4 V
65
90
dB
Unity Gain Bandwidth
TJ = 25°C
(3)
0.7
1
MHz
PSRR
12 V
≤ VCC ≤ 25 V
60
70
dB
Output Sink Current
VPIN 2 = 2.7 V, VPIN 1 = 1.1 V
2
6
mA
Output Source Current
VPIN 2 = 2.3 V, VPIN 1 = 5 V
–0.5
–0.8
VOUT High
VPIN 2 = 2.3 V, RL = 15 kΩ to ground
5
6
V
VOUT Low
VPIN 2 = 2.7 V, RL = 15 kΩ to Pin 8
0.7
1.1
CURRENT SENSE SECTION
Gain
See (6) (7)
2.85
3
3.15
V/V
Maximum Input Signal
VPIN 1 = 5 V
(6)
0.9
1
1.1
V
PSRR
12 V
≤ VCC ≤ 25 V
(3) (6)
70
dB
Input Bias Current
–2
–10
mA
Delay to Output
VPIN 3 = 0 V to 2 V
(3)
150
300
ns
OUTPUT SECTION
ISINK = 20 mA
0.1
0.4
Output Low Level
ISINK = 200 mA
1.5
2.2
V
ISOURCE = 20 mA
13
13.5
Output High Level
ISOURCE = 200 mA
12
13.5
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
VREF parameter is sensitive to very high temperature die attach/die assembly processes. Processing conditions should not exceed
170°C/24 hours or 245°C/40 seconds.
(3)
These parameters, although specified, are not 100% tested in production.
(4)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in temperature.
(5)
Output frequency equals oscillator frequency.
(6)
Parameter measured at trip point of latch with VPIN 2 = 0.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UC1843-SP


Similar Part No. - 5962-8670410V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670401PA TI-5962-8670401PA Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
5962-8670401PA TI1-5962-8670401PA Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
5962-8670401PA TI1-5962-8670401PA Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
5962-8670401PA TI-5962-8670401PA Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
5962-8670401PA TI-5962-8670401PA Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - 5962-8670410V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com