Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6825RUK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6825RUK-T
Description  Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6825RUK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6825RUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX6825RUK-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX6821–MAX6825 are low-voltage microprocessor
(µP) supervisory circuits that combine voltage monitor-
ing, watchdog timer, and manual reset input functions in
a 5-pin SOT23 package. Microprocessor supervisory cir-
cuits significantly improve system reliability and accura-
cy compared to separate ICs or discrete components.
These devices assert a reset signal whenever the moni-
tored voltage drops below its preset threshold, keeping it
asserted for a minimum timeout period after VCC rises
above the threshold. In addition, a watchdog timer moni-
tors against code execution errors. A debounced manual
reset is also available. The MAX6821–MAX6825 monitor
voltages from +1.8V to +5.0V. These outputs are guaran-
teed to be in the correct state for VCC down to +1.0V.
Nine preprogrammed reset threshold voltages are
available (see Threshold Suffix Guide). The MAX6821,
MAX6822, and MAX6823 all have a manual reset input
and a watchdog timer. The MAX6821 has push-pull
RESET, the MAX6822 has open-drain RESET, and the
MAX6823 has push-pull RESET. The MAX6824 has a
watchdog timer and both push-pull RESET and push-
pull RESET. The MAX6825 has a manual reset input
and both push-pull RESET and push-pull RESET. The
Selector Guide explains the functions offered in this
series of parts.
________________________Applications
Features
o Monitors +1.8V, +2.5V, +3.0V, +3.3V, +5.0V
Supplies
o 140ms (min) Reset Timeout Delay
o 1.6s Watchdog Timeout Period
(MAX6821/MAX6822/MAX6823/MAX6824)
o Manual Reset Input
(MAX6821/MAX6822/MAX6823/MAX6825)
o Three Reset Output Options
Push-Pull RESET
Push-Pull RESET
Open-Drain RESET
o Guaranteed Reset Valid to VCC = +1.0V
o Immune to Short Negative VCC Transients
o No External Components
o Small 5-Pin SOT23 Packages
Low-Voltage SOT23 µP Supervisors with
Manual Reset and Watchdog Timer
________________________________________________________________ Maxim Integrated Products
1
GND
WDI
MR
15
VCC
RESET(RESET)
(RESET) MAX6821 ONLY
MAX6821
MAX6822
MAX6823
SOT23-5
TOP VIEW
2
34
Pin Configurations
19-1868; Rev 1; 1/01
Ordering Information
Threshold Suffix Guide
*Insert the desired suffix letter (from the table below) into the blank
to complete the part number.
Note: Bold indicates standard versions. Samples are typically
available for standard versions only. All parts require a 2.5k
minimum order increment. Contact factory for availability.
PART*
TEMP. RANGE
PIN-PACKAGE
MAX6821_UK-T
-40
°C to +125°C
5 SOT23-5
MAX6822_UK-T
-40
°C to +125°C
5 SOT23-5
MAX6823_UK-T
-40
°C to +125°C
5 SOT23-5
MAX6824_UK-T
-40
°C to +125°C
5 SOT23-5
MAX6825_UK-T
-40
°C to +125°C
5 SOT23-5
SUFFIX
RESET
THRESHOLD (V)
L
4.63
M
4.38
T
3.08
S
2.93
R
2.63
Z
2.32
Y
2.19
W
1.67
V
1.58
Typical Operating Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.
Selector Guide appears at end of data sheet.
Set-Top Boxes
Computers and
Controllers
Embedded Controllers
Intelligent Instruments
Automotive Systems
Critical µP Monitoring
Portable/Battery-
Powered Equipment
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6825RUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6825UK-T MAXIM-MAX6825UK-T Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6825_UK-T MAXIM-MAX6825_UK-T Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
More results

Similar Description - MAX6825RUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com