Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX724 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX724
Description  5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX724 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX724 Datasheet HTML 4Page - Maxim Integrated Products MAX724 Datasheet HTML 5Page - Maxim Integrated Products MAX724 Datasheet HTML 6Page - Maxim Integrated Products MAX724 Datasheet HTML 7Page - Maxim Integrated Products MAX724 Datasheet HTML 8Page - Maxim Integrated Products MAX724 Datasheet HTML 9Page - Maxim Integrated Products MAX724 Datasheet HTML 10Page - Maxim Integrated Products MAX724 Datasheet HTML 11Page - Maxim Integrated Products MAX724 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5A/2A Step-Down, PWM,
Switch-Mode DC-DC Regulators
8
_______________________________________________________________________________________
CONTINUOUS-CURRENT MODE (IOUT = 3A)
0
-0.5
VD
IP = 3.4A
ISW
0
0
IP = 3.4A
IAVG = IOUT = 3A
0
IP = 3.4A
IAVG = 2.1A
ID
DISCONTINUOUS-CURRENT MODE
(IOUT = 0.16A)
VSW VOLTAGE (TO GND)
(ALSO DIODE VOLTAGE)
5V/div
IP = 0.5A
SWITCH CURRENT
1A/div
INDUCTOR CURRENT
1A/div
DIODE CURRENT
1A/div
IL
Figure 3. MAX724 Step-Down Converter Waveforms with VIN = 20V, L = 50µH (all waveforms 2µs/div)


Similar Part No. - MAX724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX724 MAXIM-MAX724 Datasheet
39Kb / 4P
   5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
Dallas Semiconductor
MAX724 DALLAS-MAX724 Datasheet
22Kb / 2P
   Switch-Mode Battery Charger Delivers 5A
More results

Similar Description - MAX724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Maxim Integrated Produc...
MAX787 MAXIM-MAX787 Datasheet
39Kb / 4P
   5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
logo
SHOUDING Shouding Semic...
SD6039A SHOUDING-SD6039A Datasheet
757Kb / 8P
   2A Step-Down PWM Switch -Mode DC/DC Regula tor
logo
Unisonic Technologies
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com