Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX711 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX711
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX711 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX711 Datasheet HTML 1Page - Maxim Integrated Products MAX711 Datasheet HTML 2Page - Maxim Integrated Products MAX711 Datasheet HTML 3Page - Maxim Integrated Products MAX711 Datasheet HTML 4Page - Maxim Integrated Products MAX711 Datasheet HTML 5Page - Maxim Integrated Products MAX711 Datasheet HTML 6Page - Maxim Integrated Products MAX711 Datasheet HTML 7Page - Maxim Integrated Products MAX711 Datasheet HTML 8Page - Maxim Integrated Products MAX711 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VPS = 5.6V, STBY = PS, CREF = 0.1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Note 1: Specifications at -40°C are guaranteed by design, not production tested.
Note 2: Guaranteed by design (see Table 1).
Note 3: The LBO comparator provides the correct result as long as one input is within the specified input range.
STBY, SHDN, N/E, 3/5, ILIM
STBY = PS
CONDITIONS
V
0.4
Input Low Voltage
°C
150
Thermal Shutdown
UNITS
MIN
TYP
MAX
PARAMETER
STBY, SHDN, N/E, 3/5, ILIM
STBY, SHDN, N/E, 3/5, ILIM
(Note 3)
VLBI-, VLBI+ = 1.25V
mV
6
40
100
Hysteresis
V
1.6
Input High Voltage
nA
1
50
Input Bias Current
V
1.2
10
Input Range LBI-, LBI+
nA
1
50
Input Bias Current LBI-, LBI+
VLBI- = 1.25V
ILBO = 2mA, VLBI- = 1.25V, VLBI+ = 1V
ILBO = -300µA, VLBI- = 1.25V, VLBI+ = 2V
mV
-25
+25
LBI/LBO Offset Voltage
0.4
V
VPS - 0.2V
LBO Output Voltage
VOUT = 5.0V
0.7
1.3
Output PFET Resistance
VPS = 3V, VOUT = 0V
µA
0.4
3
Output PFET Leakage
MAX711, VOUT = 2.7V
1.6
3.0
MAX710, VOUT = 3.0V
1.3
2.4
STBY = PS
°C
20
Thermal Shutdown Hysteresis
LOGIC
LBI/LBO COMPARATOR


Similar Part No. - MAX711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
   Single-Chip Electricity Meter AFE
Rev 0; 7/12
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
   Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
1Mb / 17P
   Highly Accurate AFE for Testing
Rev 0; 6/15
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
MAX71020AETI++ MAXIM-MAX71020AETI+ Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
More results

Similar Description - MAX711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com