Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA282 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA282
Description  INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 1 Page - Texas Instruments

  INA282_15 Datasheet HTML 1Page - Texas Instruments INA282_15 Datasheet HTML 2Page - Texas Instruments INA282_15 Datasheet HTML 3Page - Texas Instruments INA282_15 Datasheet HTML 4Page - Texas Instruments INA282_15 Datasheet HTML 5Page - Texas Instruments INA282_15 Datasheet HTML 6Page - Texas Instruments INA282_15 Datasheet HTML 7Page - Texas Instruments INA282_15 Datasheet HTML 8Page - Texas Instruments INA282_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
W
1
W
2
W
2
W
1
W
2
W
2
Bus Supply
±14 V to +80 V
Load
Zer -
Drift
W
W
1
W
1
OUT
REF2
REF1
GND
2.7 V to 18 V
V+
+IN
±IN
Output
PRODUCT
GAIN
50 V/V
100 V/V
INA286
200 V/V
INA283
500 V/V
INA284
1000 V/V
INA285
INA282
33.3 k

33.3 k

Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA282, INA283, INA284, INA285, INA286
SBOS485C – NOVEMBER 2009 – REVISED MAY 2015
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional
Current Shunt Monitors, Zero-Drift Series
1 Features
3 Description
The INA28x family includes the INA282, INA283,
1
Wide Common-Mode Range: –14 V to +80 V
INA284, INA285, and INA286 devices. These devices
Offset Voltage: ±20
μV
are voltage output current shunt monitors that can
CMRR: 140 dB
sense
drops
across
shunts
at
common-mode
voltages from –14 V to +80 V, independent of the
Accuracy:
supply voltage. The low offset of the zero-drift
±1.4% Gain Error (Max)
architecture enables current sensing with maximum
0.3
μV/°C Offset Drift
drops across the shunt as low as 10 mV full-scale.
0.005%/°C Gain Drift (Max)
These current sense amplifiers operate from a single
Available Gains:
+2.7-V to +18-V supply, drawing a maximum of 900
μA of supply current. These devices are specified
50 V/V: INA282
over the extended operating temperature range of
100 V/V: INA286
–40°C to +125°C, and offered in SOIC-8 and
200 V/V: INA283
VSSOP-8 packages.
500 V/V: INA284
Device Information(1)
1000 V/V: INA285
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
Quiescent Current: 900
μA (Max)
SOIC (8)
4.90 mm x 3.91 mm
INA28x
VSSOP (8)
3.00 mm x 3.00 mm
2 Applications
(1) For all available packages, see the package option addendum
Telecom Equipment
at the end of the datasheet.
Automotive
Power Management
Solar Inverters
Detailed Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA282_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
More results

Similar Description - INA282_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA283 TI-INA283_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Zero-Drift Series, Current-Shunt Monitors
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com