Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9044 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM9044
Description  Lambda Sensor Interface Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9044 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM9044_15 Datasheet HTML 4Page - Texas Instruments LM9044_15 Datasheet HTML 5Page - Texas Instruments LM9044_15 Datasheet HTML 6Page - Texas Instruments LM9044_15 Datasheet HTML 7Page - Texas Instruments LM9044_15 Datasheet HTML 8Page - Texas Instruments LM9044_15 Datasheet HTML 9Page - Texas Instruments LM9044_15 Datasheet HTML 10Page - Texas Instruments LM9044_15 Datasheet HTML 11Page - Texas Instruments LM9044_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LM9044
SNOSBP4D – FEBRUARY 1995 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
CIRCUIT DESCRIPTION
The LM9044 is a single channel device intended to act as a linear interface between a zirconium dioxide oxygen
sensor and an A-to-D convertor. The LM9044 is fabricated in Bipolar technology and requires two supplies: a
nominal 12V automotive supply (i.e. VBATTERY), and a well regulated 5V supply.
The IC consists of a single channel differential input amplifier with a nominal DC gain of 4.5 V/V. The differential
inputs have a specified common mode voltage operating range of 1V above and below ground. The circuitry also
contains provisions for default output voltage in the cases of cold sensor and open sensor wiring. Additional
support circuitry includes one pin for an optional user programmed low pass filter.
COLD SENSOR
Typically, a Lambda sensor will have an impedance of less than 10 k
Ω when operating at temperatures between
300°C, and 500°C. When a Lambda sensor is not at operating temperature, its impedance can be more than 10
Meg
Ω. Any voltage signal that may be developed is seriously attenuated. During this high impedance condition
the LM9044 will provide a default output voltage.
While the Lambda sensor is high impedance the internal non-inverting input bias current (380 nA typical) will flow
through the differential input resistance (1.2 M
Ω typical) and out the inverting input pin to ground. This will cause
a voltage to be developed across the differential inputs:
VIN(DIFF) = 380 nA x 1.2 MΩ
VIN(DIFF) = 456 mV
The 456 mV across differential input resistance will be the dominant input signal, and the typical VOUT will be:
VOUT = VIN(DIFF) x 4.50
VOUT = 456 mV x 4.50
VOUT = 2.0V
As the Lambda sensor is heated, and the sensor impedance begins to drop, the voltage signal from the sensor
will become the dominate signal.
The non-inverting input bias current is scaled to the VREF voltage. As the VREF voltage increases, or decreases,
this bias current will change proportionally.
OPEN INPUT PINS DEFAULTS
In any remote sensor application it is desirable to be able to deal with the possibility of open connections
between the sensor and the control module. The LM9044 is capable of providing a default output voltage should
either, or both, of the wires to the Lambda sensor open. The two inputs handle the open circuit condition
differently.
For the case of an open connection at the non-inverting input, the device would react exactly the same as for the
Cold Sensor condition. The internal non-inverting input bias current (380 nA typical) flowing through the
differential input resistance (1.2 M
Ω typical) would cause the typical output voltage to be at a value defined by:
VOUT = ((380 nA x 1.2MΩ) x 4.50 )
VOUT = 2.0V
The inverting input would still be connected to the Lambda sensor ground, so common mode signals would still
need to be considered in this condition.
For the case of an open connection of the inverting input, the device output stage switches from the amplifier
output to a resistive voltage divider. The LM9044 has a comparator to monitor the voltage on the inverting input
pin, and a 65
μA (typical) current source that will force the pin high if the pin is open. When the voltage on the
inverting pin goes above typically 1.5V, the comparator will switch the output pin from the amplifier output to the
resistive voltage divider stage. In this case, the default VOUT is not dependent on the gain stage, and any signal
on the non-inverting input will be ignored.
8
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM9044


Similar Part No. - LM9044_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9044V NSC-LM9044V Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
More results

Similar Description - LM9044_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
LM9040 NSC-LM9040 Datasheet
178Kb / 10P
   Dual Lambda Sensor Interface Amplifier
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
   SENSOR INTERFACE AMPLIFIER
logo
Bosch Sensortec GmbH
CJ125 BOSCH-CJ125 Datasheet
474Kb / 7P
   Product Information Lambda Probe Interface IC
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050 Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057 Datasheet
192Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com