Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX802MESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX802MESA
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX802MESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX802MESA Datasheet HTML 1Page - Maxim Integrated Products MAX802MESA Datasheet HTML 2Page - Maxim Integrated Products MAX802MESA Datasheet HTML 3Page - Maxim Integrated Products MAX802MESA Datasheet HTML 4Page - Maxim Integrated Products MAX802MESA Datasheet HTML 5Page - Maxim Integrated Products MAX802MESA Datasheet HTML 6Page - Maxim Integrated Products MAX802MESA Datasheet HTML 7Page - Maxim Integrated Products MAX802MESA Datasheet HTML 8Page - Maxim Integrated Products MAX802MESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Microprocessor Supervisory Circuits
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
MAX805L
RESET OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
500ms/div
0V
VCC
+5V
RESET
0V
+5V
330
pF
VCC
RESET
GND
VBATT
MAX805L
RESET RESPONSE TIME
2
µs/div
0V
VCC
+4V
0V
+4V
+5V
GND
RESET
VCC
330pF
10k
4.75
0
OUTPUT VOLTAGE
vs. LOAD CURRENT
4.80
5.00
IOUT (mA)
40
4.90
4.85
10
30
50
4.95
20
VCC = +5V
VBATT = +2.8V
TA = +25°C
SLOPE = 5
2.70
0
OUTPUT VOLTAGE
vs. LOAD CURRENT
2.72
2.80
IOUT (mA)
0.8
2.76
2.74
0.2
0.6
1.0
2.78
0.4
VCC = 0V
VBATT = +2.8V
TA = +25°C
SLOPE = 80
MAX690A
RESET OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
500ms/div
VCC
0V
RESET
0V
+5V
+5V
VCC
GND
RESET
VCC
2k
RESET
330pF
TA = +25°C
VBATT = OV
MAX690A
RESET RESPONSE TIME
2
µs/div
VCC
+5V
RESET
+5V
+4V
0V
TA = +25°C
VCC
GND
RESET
VCC
10k
RESET
30pF
POWER-FAIL COMPARATOR
RESPONSE TIME
400ns/div
PFI
+1.30V
PFO
+5V
+0V
+1.2V
+5V
PFO
30pF
1k
+1.25V
PFI
VCC = +5V
TA = +25°C
POWER-FAIL COMPARATOR
RESPONSE TIME
400ns/div
PFI
+1.20V
PFO
0V
+3V
+1.3V
VCC = +5V
TA = +25°C
+5V
PFO
30pF
1k
+1.25V
PFI


Similar Part No. - MAX802MESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX802M MAXIM-MAX802M Datasheet
570Kb / 12P
   Microprocessor Supervisory Circuits
Rev 4; 12/05
More results

Similar Description - MAX802MESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com