Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX713CSE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX713CSE
Description  NiCd/NiMH Battery Fast-Charge Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX713CSE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX713CSE Datasheet HTML 2Page - Maxim Integrated Products MAX713CSE Datasheet HTML 3Page - Maxim Integrated Products MAX713CSE Datasheet HTML 4Page - Maxim Integrated Products MAX713CSE Datasheet HTML 5Page - Maxim Integrated Products MAX713CSE Datasheet HTML 6Page - Maxim Integrated Products MAX713CSE Datasheet HTML 7Page - Maxim Integrated Products MAX713CSE Datasheet HTML 8Page - Maxim Integrated Products MAX713CSE Datasheet HTML 9Page - Maxim Integrated Products MAX713CSE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
6
_______________________________________________________________________________________
____________________Getting Started
The MAX712/MAX713 are simple to use. A complete
linear-mode or switch-mode fast-charge circuit can be
designed in a few easy steps. A linear-mode design
uses the fewest components and supplies a load while
charging, while a switch-mode design may be neces-
sary if lower heat dissipation is desired.
1) Follow the battery manufacturer’s recommendations
on maximum charge currents and charge-termination
methods for the specific batteries in your application.
Table 1 provides general guidelines.
2) Decide on a charge rate (Tables 3 and 5). The slow-
est fast-charge rate for the MAX712/MAX713 is C/4,
because the maximum fast-charge timeout period is
264 minutes. A C/3 rate charges the battery in about
three hours. The current in mA required to charge at
this rate is calculated as follows:
IFAST = (capacity of battery in mAh)
–––––––––––––––––––––––––
(charge time in hours)
Depending on the battery, charging efficiency can be
as low as 80%, so a C/3 fast charge could take 3 hours
and 45 minutes. This reflects the efficiency with which
electrical energy is converted to chemical energy within
the battery, and is not the same as the power-
conversion efficiency of the MAX712/MAX713.
3) Decide on the number of cells to be charged (Table 2).
If your battery stack exceeds 11 cells, see the
Linear-
Mode High Series Cell Count section. Whenever
changing the number of cells to be charged, PGM0
and PGM1 must be adjusted accordingly. Attempting
to charge more or fewer cells than the number pro-
grammed can disable the voltage-slope fast-charge
termination circuitry. The internal ADC’s input volt-
age range is limited to between 1.4V and 1.9V (see
the
Electrical Characteristics), and is equal to the
voltage across the battery divided by the number of
cells programmed (using PGM0 and PGM1, as in
Table 2). When the ADC’s input voltage falls out of
its specified range, the voltage-slope termination cir-
cuitry can be disabled.
4) Choose an external DC power source (e.g., wall
cube). Its minimum output voltage (including ripple)
must be greater than 6V and at least 1.5V higher (2V
for switch mode) than the maximum battery voltage
while charging. This specification is critical because
normal fast-charge termination is ensured only if this
requirement is maintained (see
Powering the
MAX712/MAX713 section for more details).
5) For linear-mode designs, calculate the worst-case
power dissipation of the power PNP and diode (Q1
and D1 in the
Typical Operating Circuit) in watts,
using the following formula:
PDPNP = (maximum wall-cube voltage under
load - minimum battery voltage) x (charge current
in amps)
If the maximum power dissipation is not tolerable for
your application, refer to the
Detailed Description or
use a switch-mode design (see
Switch-Mode
Operation in the Applications Information section,
and see the MAX713 EV kit manual).
6) For both linear and switch-mode designs, limit cur-
rent into V+ to between 5mA and 20mA. For a fixed
or narrow-range input voltage, choose R1 in the
Typical Operation Circuit using the following formula:
R1 = (minimum wall-cube voltage - 5V) / 5mA
For designs requiring a large input voltage variation,
choose the current-limiting diode D4 in Figure 19.
7) Choose RSENSE using the following formula:
RSENSE = 0.25V / (IFAST)
8) Consult Tables 2 and 3 to set pin-straps before
applying power. For example, to fast charge at a
rate of C/2, set the timeout to between 1.5x or 2x the
charge period, three or four hours, respectively.
< C/2
∆V/∆t and/or
temperature, MAX712
∆V/∆t and/or
temperature, MAX713
NiMH Batteries
NiCd Batteries
> 2C
∆V/∆t and
temperature,
MAX712 or MAX713
∆V/∆t and/or
temperature, MAX713
2C to C/2
∆V/∆t and/or
temperature,
MAX712 or MAX713
∆V/∆t and/or
temperature, MAX713
Charge
Rate
Table 1. Fast-Charge Termination Methods


Similar Part No. - MAX713CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX713CSE MAXIM-MAX713CSE Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX713CSE MAXIM-MAX713CSE Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
More results

Similar Description - MAX713CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com