Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7221CNG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7221CNG
Description  Serially Interfaced, 8-Digit LED Display Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7221CNG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7221CNG Datasheet HTML 6Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 7Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 8Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 9Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 10Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 11Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 12Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 13Page - Maxim Integrated Products MAX7221CNG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
If the scan-limit register is set for three digits or less,
individual digit drivers will dissipate excessive amounts
of power. Consequently, the value of the RSET resistor
must be adjusted according to the number of digits dis-
played, to limit individual digit driver power dissipation.
Table 9 lists the number of digits displayed and the
corresponding maximum recommended segment cur-
rent when the digit drivers are used.
Display-Test Register
The display-test register operates in two modes: normal
and display test. Display-test mode turns all LEDs on
by overriding, but not altering, all controls and digit reg-
isters (including the shutdown register). In display-test
mode, 8 digits are scanned and the duty cycle is 31/32
(15/16 for MAX7221). Table 10 lists the display-test reg-
ister format.
No-Op Register
The no-op register is used when cascading MAX7219s
or MAX7221s. Connect all devices’ LOAD/CS inputs
together and connect DOUT to DIN on adjacent
devices. DOUT is a CMOS logic-level output that easily
drives DIN of successively cascaded parts. (Refer to
the
Serial Addressing Modes section for detailed infor-
mation on serial input/output timing.) For example, if
four MAX7219s are cascaded, then to write to the
fourth chip, sent the desired 16-bit word, followed by
three no-op codes (hex XX0X, see Table 2). When
LOAD/CS goes high, data is latched in all devices. The
first three chips receive no-op commands, and the
fourth receives the intended data.
__________Applications Information
Supply Bypassing and Wiring
To minimize power-supply ripple due to the peak digit
driver currents, connect a 10µF electrolytic and a 0.1µF
ceramic capacitor between V+ and GND as close to
the device as possible. The MAX7219/MAX7221 should
be placed in close proximity to the LED display, and
connections should be kept as short as possible to
minimize the effects of wiring inductance and electro-
magnetic interference. Also, both GND pins must be
connected to ground.
Selecting RSET Resistor and
Using External Drivers
The current per segment is approximately 100 times
the current in ISET. To select RSET, see Table 11. The
MAX7219/MAX7221’s maximum recommended seg-
ment current is 40mA. For segment current levels
above these levels, external digit drivers will be need-
ed. In this application, the MAX7219/MAX7221 serve
only as controllers for other high-current drivers or tran-
sistors. Therefore, to conserve power, use RSET = 47k
when using external current sources as segment dri-
vers.
The example in Figure 2 uses the MAX7219/MAX7221’s
segment drivers, a MAX394 single-pole double-throw
analog switch, and external transistors to drive 2.3”
AND2307SLC common-cathode displays. The 5.6V
zener diode has been added in series with the decimal
point LED because the decimal point LED forward volt-
age is typically 4.2V. For all other segments the LED
forward voltage is typically 8V. Since external transis-
tors are used to sink current (DIG 0 and DIG 1 are used
as logic switches), peak segment currents of 45mA are
allowed even though only two digits are displayed. In
applications where the MAX7219/MAX7221’s digit dri-
vers are used to sink current and fewer than four digits
are displayed, Table 9 specifies the maximum allow-
able segment current. RSET must be selected accord-
ingly (Table 11).
Refer to the Power Dissipation section of the Absolute
Maximum Ratings to calculate acceptable limits for
ambient temperature, segment current, and the LED
forward-voltage drop.
Serially Interfaced, 8-Digit LED Display Drivers
10
______________________________________________________________________________________
Table 9. Maximum Segment Current for
1-, 2-, or 3-Digit Displays
Table 10. Display-Test Register Format
(Address (Hex) = XF)
10
20
2
MAXIMUM SEGMENT
CURRENT
(mA)
1
30
3
NUMBER OF DIGITS
DISPLAYED
X
X
Normal
Operation
D6
X
X
Display Test
Mode
D4
X
X
D5
X
X
D2
X
0
REGISTER DATA
D0
X
X
X
D1
X
D3
1
X
D7
MODE
Note: The MAX7219/MAX7221 remain in display-test mode
(all LEDs on) until the display-test register is reconfigured
for normal operation.


Similar Part No. - MAX7221CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7221CNG MAXIM-MAX7221CNG Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
More results

Similar Description - MAX7221CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com