Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF190APA23-H2C2F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UF190APA23-H2C2F
Description  AC IMPELLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UF190APA23-H2C2F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF190APA23-H2C2F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(235 dia. x 87.2 mm)
9.25 dia. x 3.43 inches
Features:
integrated mounting plate acts
as inlet ring
Operating voltage: 115 or 230 VAC
Operating temp.
-40° ~ 50°C
Construction:
aluminum die cast motor base;
UL94V-0 reinforced nylon
impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
required capacitor included
Air Flow:
centrifugal
Connection:
22 AWG lead wires
Protection:
thermal
0
25 50
75
AIR FLOW (CFM)
100 125 150 175 200 225 250
0.25
0.50
0.75
1.00
1.25
1.50
1
2
1 = 60 Hz
2 = 50 Hz
UF190APA-F series
3.43 ±0.02
(87.2 ±0.5)
ø9
.25
±0
.02
(ø2
35
±0
.5)
ø8
.66
(ø2
20
)
3.11
(79)
0.14
(3.5)
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF190APA12-H2C2F
115
50
55
0.45
0.92
2,500
6.5
230
29
1.1
60
1.5
115
60
65
0.54
0.91
2,700
7.0
247
38
1.5
63
1.5
UF190APA23-H2C2F
230
50
57
0.23
0.43
2,500
6.5
230
29
1.1
60
1.5
230
60
72
0.30
0.45
2,700
7.0
247
38
1.5
63
1.5
12.16.14


Similar Part No. - UF190APA23-H2C2F

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF190APA23-H2C2F MECHATRONICS-UF190APA23-H2C2F Datasheet
480Kb / 1P
   AC IMPELLERS
More results

Similar Description - UF190APA23-H2C2F

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
   AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF175AMA MECHATRONICS-UF175AMA Datasheet
380Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF250APA12-H1C2F ETC2-UF250APA12-H1C2F Datasheet
479Kb / 1P
   AC IMPELLERS
UF180(55)APA12-H1C2A ETC2-UF180(55)APA12-H1C2A Datasheet
575Kb / 1P
   AC IMPELLERS
UF180BAB12-HC2-A ETC2-UF180BAB12-HC2-A Datasheet
349Kb / 1P
   AC IMPELLERS
UF225(69)APA12-H1C2A ETC2-UF225(69)APA12-H1C2A Datasheet
382Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF220APA-F MECHATRONICS-UF220APA-F Datasheet
467Kb / 1P
   AC IMPELLERS
UF400AAA MECHATRONICS-UF400AAA Datasheet
523Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF190APA12-H1C2A ETC2-UF190APA12-H1C2A Datasheet
394Kb / 1P
   AC IMPELLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com