Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7221 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7221
Description  Serially Interfaced, 8-Digit LED Display Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7221 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7221 Datasheet HTML 5Page - Maxim Integrated Products MAX7221 Datasheet HTML 6Page - Maxim Integrated Products MAX7221 Datasheet HTML 7Page - Maxim Integrated Products MAX7221 Datasheet HTML 8Page - Maxim Integrated Products MAX7221 Datasheet HTML 9Page - Maxim Integrated Products MAX7221 Datasheet HTML 10Page - Maxim Integrated Products MAX7221 Datasheet HTML 11Page - Maxim Integrated Products MAX7221 Datasheet HTML 12Page - Maxim Integrated Products MAX7221 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Scan-Limit Register
The scan-limit register sets how many digits are dis-
played, from 1 to 8. They are displayed in a multiplexed
manner with a typical display scan rate of 800Hz with 8
digits displayed. If fewer digits are displayed, the scan
rate is 8fOSC/N, where N is the number of digits
scanned. Since the number of scanned digits affects
the display brightness, the scan-limit register should
not be used to blank portions of the display (such as
leading zero suppression). Table 8 lists the scan-limit
register format.
Serially Interfaced, 8-Digit LED Display Drivers
_______________________________________________________________________________________
9
Table 7. Intensity Register Format (Address (Hex) = XA)
DUTY CYCLE
MAX7221
MAX7219
D6
D7
D4
D2
D3
D0
D5
D1
HEX
CODE
1/16
(min on)
1/32
(min on)
X
X
X
X
0
0
0
0
X0
2/16
3/32
X
X
X
X
0
0
1
0
X1
3/16
5/32
X
X
X
X
0
0
0
1
X2
4/16
7/32
X
X
X
X
0
0
1
1
X3
5/16
9/32
X
X
X
X
1
0
0
0
X4
6/16
11/32
X
X
X
X
1
0
1
0
X5
7/16
13/32
X
X
X
X
1
0
0
1
X6
X
8/16
15/32
X
X
X
X
1
0
1
1
X7
9/16
17/32
X
X
X
X
0
1
0
0
X8
10/16
19/32
X
X
X
X
0
1
1
0
X9
11/16
21/32
X
X
X
X
0
1
0
1
XA
12/16
23/32
X
X
X
X
0
1
1
1
XB
13/16
25/32
X
X
X
X
1
1
0
0
XC
14/16
27/32
X
X
X
X
1
1
1
0
XD
15/16
29/32
X
X
X
X
1
1
0
1
XE
15/16
(max on)
31/32
X
X
X
1
1
1
1
XF
Table 8. Scan-Limit Register Format (Address (Hex) = XB)
X
X
Display digit 0 only*
Display digits 0 & 1*
X
X
X
D7
SCAN LIMIT
X1
X
X0
X
X
X
0
D6
D5
0
1
D4
D3
X
X
Display digits 0 1 2*
Display digits 0 1 2 3
X
X
X
X
0
X3
X
D2
HEX
CODE
X2
0
REGISTER DATA
0
X
X
X
D1
D0
0
1
1
X
0
1
0
X
X
Display digits 0 1 2 3 4
Display digits 0 1 2 3 4 5
X
X
X
X5
X
X4
X
X
X
1
0
1
X
X
Display digits 0 1 2 3 4 5 6
Display digits 0 1 2 3 4 5 6 7
X
X
X
X
1
X7
X
X6
0
0
X
X
X
1
1
1
X
1
1
0
*See
Scan-Limit Register section for application.


Similar Part No. - MAX7221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7221 MAXIM-MAX7221 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7221 MAXIM-MAX7221 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7221C/D MAXIM-MAX7221C/D Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7221CNG MAXIM-MAX7221CNG Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7221CWG MAXIM-MAX7221CWG Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
More results

Similar Description - MAX7221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com