Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF360AAA12-H1C4A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UF360AAA12-H1C4A
Description  AC IMPELLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UF360AAA12-H1C4A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF360AAA12-H1C4A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(360 dia. x 167.3 mm)
14.17 dia. x 6.59 inches
Features:
backward curved impeller
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast motor base,
aluminum impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
required capacitor included
Air Flow:
centrifugal
Connection:
AWM 2517 lead wires
UF360AAA series
0
250
500
AIR FLOW (CFM)
750 1000 1250 1500 1750
2.00
1.75
1.00
1.25
1.50
0.75
0.25
0.50
1
1 = 60 Hz
2 = 50 Hz
2
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF360AAA12-H1C4A
115
50
190
1.70
4.24
1,400
40.5
1430
40
1.6
66
5.1
115
60
270
2.26
4.00
1,600
46.5
1645
55
2.2
70
5.1
UF360AAA23-H1C4A
230
50
190
0.85
2.12
1,400
40.5
1430
40
1.6
66
5.1
230
60
265
1.13
2.00
1,600
46.5
1645
55
2.2
70
5.1
45°
45°
ø354
(ø90)
M4x0.7
4-M6x1
0.08
(2)
Inlet Ring
(360A)
6.59 ±0.02
(167.3 ±0.5)
5.77 ±0.01
(146.5 ±0.3)
3.78
(96)
0.20
(5)
12.16.14


Similar Part No. - UF360AAA12-H1C4A

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF360AAA12-H1C4A MECHATRONICS-UF360AAA12-H1C4A Datasheet
469Kb / 1P
   AC IMPELLERS
More results

Similar Description - UF360AAA12-H1C4A

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
   AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF175AMA MECHATRONICS-UF175AMA Datasheet
380Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF250APA12-H1C2F ETC2-UF250APA12-H1C2F Datasheet
479Kb / 1P
   AC IMPELLERS
UF180(55)APA12-H1C2A ETC2-UF180(55)APA12-H1C2A Datasheet
575Kb / 1P
   AC IMPELLERS
UF180BAB12-HC2-A ETC2-UF180BAB12-HC2-A Datasheet
349Kb / 1P
   AC IMPELLERS
UF225(69)APA12-H1C2A ETC2-UF225(69)APA12-H1C2A Datasheet
382Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF220APA-F MECHATRONICS-UF220APA-F Datasheet
467Kb / 1P
   AC IMPELLERS
UF400AAA MECHATRONICS-UF400AAA Datasheet
523Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF190APA12-H1C2A ETC2-UF190APA12-H1C2A Datasheet
394Kb / 1P
   AC IMPELLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com