Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7401CPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7401CPA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7401CPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7401CPA Datasheet HTML 4Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 5Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 6Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 7Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 8Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 9Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 10Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 11Page - Maxim Integrated Products MAX7401CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
_______________________________________________________________________________________
9
GND to the negative supply. Figure 4 shows an example
of dual-supply operation. Single- and dual-supply perfor-
mance are equivalent. For either single- or dual-supply
operation, drive CLK and SHDN from GND (V- in dual-
supply operation) to VDD. For ±5V dual-supply applica-
tions, use the MAX291–MAX297.
Input Signal Amplitude Range
The optimal input signal range is determined by observ-
ing the voltage level at which the total harmonic distor-
tion plus noise (THD+N) is minimized for a given corner
frequency. The
Typical Operating Characteristics show
graphs of the devices’ THD+N response as the input
signal’s peak-to-peak amplitude is varied. These mea-
surements are made with OS and COM biased at mid-
supply.
Anti-Aliasing and Post-DAC Filtering
When using the MAX7401/MAX7405 for anti-aliasing or
post-DAC filtering, synchronize the DAC and the filter
clocks. If the clocks are not synchronized, beat frequen-
cies may alias into the passband.
The high clock-to-corner frequency ratio (100:1) also
eases the requirements of pre- and post-SCF filtering. At
the input, a lowpass filter prevents the aliasing of fre-
quencies around the clock frequency into the passband.
At the output, a lowpass filter attenuates the clock
feedthrough.
A high clock-to-corner frequency ratio allows a simple
RC lowpass filter, with the cutoff frequency set above
the SCF corner frequency, to provide input anti-aliasing
and reasonable output clock attenuation.
Harmonic Distortion
Harmonic distortion arises from nonlinearities within the
filter. These nonlinearities generate harmonics when a
pure sine wave is applied to the filter input. Table 1 lists
the MAX7401/MAX7405’s typical harmonic-distortion
values with a 10k
Ω load at TA = +25°C.
VDD
V+
V-
IN
CLK
GND
INPUT
OUTPUT
OUT
0.1
µF
CLOCK
*DRIVE SHDN TO V- FOR LOW-POWER SHUTDOWN MODE.
SHDN
COM
OS
0.1
µF
MAX7401
MAX7405
*
V+
V-
Figure 4. Dual-Supply Operation
5th
3rd
-92
-79
-93
-83
500
100
fCLK
(kHz)
4th
2nd
-92
-90
TYPICAL HARMONIC DISTORTION (dB)
-89
-91
4
5
1
MAX7401
VIN
(Vp-p)
fC
(kHz)
FILTER
1000
200
fIN
(Hz)
Table 1. Typical Harmonic Distortion
TRANSISTOR COUNT: 1116
Chip Information
-88
-82
-88
-83
500
100
-88
-87
-83
-87
2
5
1
MAX7405
1000
200


Similar Part No. - MAX7401CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400CPA MAXIM-MAX7400CPA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400CSA MAXIM-MAX7400CSA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400EPA MAXIM-MAX7400EPA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400ESA MAXIM-MAX7400ESA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
More results

Similar Description - MAX7401CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com