Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C473U7R5AA2B Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # 101C473U7R5AA2B
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C473U7R5AA2B Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button 101C473U7R5AA2B Datasheet HTML 4Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 5Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 6Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 7Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 8Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 9Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 10Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 11Page - Cornell Dubilier Electronics 101C473U7R5AA2B Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
ESR Max Ripple Max
ESR Max Ripple Max
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
(µF)
Part Number
120 Hz
120 Hz
D x L
(µF)
Part Number
120 Hz
120 Hz
D x L
(mΩ)
(A)
(in)
(mΩ)
(A)
(in)
100 Vdc (150 Vdc Surge)
150 Vdc (200 Vdc Surge)
1,300
101C132U100AK2B
115.6
3.5
1 3/8 x 1 5/8
490
101C491U150AK2B
433.1
2.1
1 3/8 x 1 5/8
2,300
101C232U100AA2B
79.9
4.9
1 3/8 x 2 1/8
880
101C881U150AA2B
241.1
3.1
1 3/8 x 2 1/8
3,400
101C342U100AH2B
59.4
6.4
1 3/8 x 2 5/8
1,200
101C122U150EA2B
198.9
3.9
1 3/4 x 2 1/8
4,100
101C412U100BA2B
47.6
8.7
2 x 2 1/8
1,300
101C132U150AH2B
163.2
4.0
1 3/8 x 2 5/8
4,200
101C422U100EA2B
55.0
7.4
1 3/4 x 2 1/8
1,500
101C152U150BA2B
159.2
4.8
2 x 2 1/8
4,400
101C442U100AB2B
46.6
8.0
1 3/8 x 3 1/8
1,700
101C172U150AB2B
124.8
4.9
1 3/8 x 3 1/8
5,400
101C542U100AJ2B
38.5
9.3
1 3/8 x 3 5/8
1,800
101C182U150EH2B
132.6
5.2
1 3/4 x 2 5/8
6,100
101C612U100EH2B
39.6
9.5
1 3/4 x 2 5/8
1,900
101C192U150AJ2B
111.7
5.5
1 3/8 x 3 5/8
6,500
101C652U100AC2B
32.9
10.6
1 3/8 x 4 1/8
2,300
101C232U150BH2B
103.8
6.3
2 x 2 5/8
6,500
101C652U100BH2B
32.0
11.4
2 x 2 5/8
2,500
101C252U150EB2B
95.5
6.5
1 3/4 x 3 1/8
7,500
101C752U100AD2B
28.9
11.8
1 3/8 x 4 5/8
2,500
101C252U150AC2B
84.9
6.6
1 3/8 x 4 1/8
7,900
101C792U100EB2B
31.1
11.4
1 3/4 x 3 1/8
2,700
101C272U150AD2B
80.1
7.1
1 3/8 x 4 5/8
8,500
101C852U100AE2B
25.8
12.9
1 3/8 x 5 1/8
3,100
101C312U150AE2B
74.0
7.6
1 3/8 x 5 1/8
8,900
101C892U100BB2B
21.0
15.0
2 x 3 1/8
3,200
101C322U150EJ2B
74.6
7.7
1 3/4 x 3 5/8
9,600
101C962U100AF2B
23.4
14.1
1 3/8 x 5 5/8
3,400
101C342U150BB2B
54.6
9.3
2 x 3 1/8
9,800
101C982U100EJ2B
25.8
13.2
1 3/4 x 3 5/8
3,600
101C362U150AF2B
66.3
8.4
1 3/8 x 5 5/8
11,000
101C113U100CH2B
20.7
16.3
2 1/2 x 2 5/8
3,800
101C382U150CH2B
62.8
9.4
2 1/2 x 2 5/8
11,000
101C113U100BJ2B
19.5
16.4
2 x 3 5/8
4,000
101C402U150BJ2B
59.7
9.4
2 x 3 5/8
12,000
101C123U100EC2B
20.7
15.4
1 3/4 x 4 1/8
4,400
101C442U150EC2B
54.3
9.5
1 3/4 x 4 1/8
14,000
101C143U100ED2B
18.6
16.9
1 3/4 x 4 5/8
4,500
101C452U150ED2B
53.1
10.0
1 3/4 x 4 5/8
14,000
101C143U100BC2B
14.8
19.7
2 x 4 1/8
5,200
101C522U150EE2B
45.9
11.1
1 3/4 x 5 1/8
15,000
101C153U100EE2B
17.0
18.3
1 3/4 x 5 1/8
5,200
101C522U150CB2B
45.9
11.6
2 1/2 x 3 1/8
15,000
101C153U100CB2B
16.5
19.4
2 1/2 x 3 1/8
5,200
101C522U150BC2B
45.0
11.3
2 x 4 1/8
16,000
101C163U100BD2B
14.3
20.8
2 x 4 5/8
5,700
101C572U150BD2B
41.9
12.2
2 x 4 5/8
17,000
101C173U100EF2B
15.9
19.6
1 3/4 x 5 5/8
5,800
101C582U150EF2B
41.2
12.2
1 3/4 x 5 5/8
18,000
101C183U100BE2B
12.7
22.9
2 x 5 1/8
6,600
101C662U150BE2B
36.2
13.6
2 x 5 1/8
19,000
101C193U100CJ2B
13.3
22.7
2 1/2 x 3 5/8
6,600
101C662U150CJ2B
36.2
13.8
2 1/2 x 3 5/8
21,000
101C213U100BF2B
11.4
24.9
2 x 5 5/8
7,800
101C782U150DB2B
35.7
14.8
3 x 3 1/8
22,000
101C223U100DB2B
13.8
23.8
3 x 3 1/8
7,900
101C792U150BF2B
30.2
15.3
2 x 5 5/8
22,000
101C223U100CC2B
10.0
27.4
2 1/2 x 4 1/8
8,500
101C852U150CC2B
28.1
16.3
2 1/2 x 4 1/8
26,000
101C263U100CD2B
9.7
28.9
2 1/2 x 4 5/8
9,400
101C942U150CD2B
25.4
17.8
2 1/2 x 4 5/8
28,000
101C283U100DJ2B
11.2
27.7
3 x 3 5/8
9,900
101C992U150DJ2B
28.1
17.5
3 x 3 5/8
30,000
101C303U100CE2D
8.6
31.7
2 1/2 x 5 1/8
11,000
101C113U150CE2B
21.7
19.9
2 1/2 x 5 1/8
34,000
101C343U100DC2D
8.5
33.2
3 x 4 1/8
12,000
101C123U150DC2B
23.2
20.1
3 x 4 1/8
34,000
101C343U100CF2D
7.7
34.5
2 1/2 x 5 5/8
13,000
101C133U150CF2B
18.4
22.3
2 1/2 x 5 5/8
39,000
101C393U100DD2D
7.9
35.7
3 x 4 5/8
14,000
101C143U150DD2B
19.9
22.5
3 x 4 5/8
45,000
101C453U100DE2D
6.5
40.5
3 x 5 1/8
16,000
101C163U150DE2B
17.4
24.8
3 x 5 1/8
51,000
101C513U100DF2D
6.0
43.5
3 x 5 5/8
18,000
101C183U150DF2B
15.5
27.1
3 x 5 5/8
54,000
101C543U100DP2D
6.0
44.1
3 x 5 7/8
19,000
101C193U150DP2B
14.7
28.2
3 x 5 7/8
74,000
101C743U100DN2D
4.8
54.0
3 x 7 5/8
26,000
101C263U150DN2D
11.3
35.7
3 x 7 5/8
85,000
101C853U100DG2D
4.2
59.2
3 x 8 5/8
30,000
101C303U150DG2D
9.3
40.0
3 x 8 5/8


Similar Part No. - 101C473U7R5AA2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C473U7R5AA2B ETC2-101C473U7R5AA2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C473U7R5AA2B CDE-101C473U7R5AA2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C473U7R5AA2B CDE-101C473U7R5AA2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C473U7R5AA2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com