Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C843U7R5AB2B Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 101C843U7R5AB2B
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C843U7R5AB2B Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 101C843U7R5AB2B Datasheet HTML 4Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 5Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 6Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 7Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 8Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 9Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 10Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 11Page - Cornell Dubilier Electronics 101C843U7R5AB2B Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
ESR Max Ripple Max
ESR Max Ripple Max
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
(µF)
Part Number
120 Hz
120 Hz
D x L
(µF)
Part Number
120 Hz
120 Hz
D x L
(mΩ)
(A)
(in)
(mΩ)
(A)
(in)
63 Vdc (85 Vdc Surge)
75 Vdc (100 Vdc Surge)
2,800
101C282U063AK2B
57.9
4.9
1 3/8 x 1 5/8
2,100
101C212U075AK2B
97.3
3.8
1 3/8 x 1 5/8
5,000
101C502U063AA2B
35.5
7.3
1 3/8 x 2 1/8
3,600
101C362U075AA2B
67.2
5.3
1 3/8 x 2 1/8
7,200
101C722U063AH2B
25.8
9.8
1 3/8 x 2 5/8
5,200
101C522U075AH2B
50.0
7.0
1 3/8 x 2 5/8
8,800
101C882U063BA2B
22.8
12.6
2 x 2 1/8
6,400
101C642U075BA2B
40.7
9.4
2 x 2 1/8
8,900
101C892U063EA2B
28.0
10.4
1 3/4 x 2 1/8
6,500
101C652U075EA2B
47.5
8.0
1 3/4 x 2 1/8
9,400
101C942U063AB2B
20.4
12.0
1 3/8 x 3 1/8
6,800
101C682U075AB2B
39.3
8.7
1 3/8 x 3 1/8
12,000
101C123U063AJ2B
17.1
14.0
1 3/8 x 3 5/8
8,400
101C842U075AJ2B
32.5
10.1
1 3/8 x 3 5/8
13,000
101C133U063EH2B
20.4
13.2
1 3/4 x 2 5/8
9,400
101C942U075EH2B
34.2
10.2
1 3/4 x 2 5/8
14,000
101C143U063BH2B
15.4
16.5
2 x 2 5/8
10,000
101C103U075AC2B
27.9
11.5
1 3/8 x 4 1/8
14,000
101C143U063AC2B
14.8
15.8
1 3/8 x 4 1/8
10,000
101C103U075BH2B
27.4
12.4
2 x 2 5/8
16,000
101C163U063AD2B
13.2
17.4
1 3/8 x 4 5/8
12,000
101C123U075EB2B
27.0
12.2
1 3/4 x 3 1/8
17,000
101C173U063EB2B
16.1
15.8
1 3/4 x 3 1/8
12,000
101C123U075AD2B
24.5
12.8
1 3/8 x 4 5/8
18,000
101C183U063AE2B
12.0
19.0
1 3/8 x 5 1/8
13,000
101C133U075AE2B
22.0
14.0
1 3/8 x 5 1/8
19,000
101C193U063BB2B
10.2
21.5
2 x 3 1/8
14,000
101C143U075BB2B
18.0
16.2
2 x 3 1/8
20,000
101C203U063AF2B
11.0
20.5
1 3/8 x 5 5/8
15,000
101C153U075EJ2B
22.4
14.1
1 3/4 x 3 5/8
21,000
101C213U063EJ2B
13.5
18.2
1 3/4 x 3 5/8
15,000
101C153U075AF2B
20.0
15.2
1 3/8 x 5 5/8
23,000
101C233U063CH2B
11.3
22.1
2 1/2 x 2 5/8
17,000
101C173U075CH2B
18.9
17.1
2 1/2 x 2 5/8
24,000
101C243U063BJ2B
9.6
23.4
2 x 3 5/8
17,000
101C173U075BJ2B
16.8
17.7
2 x 3 5/8
25,000
101C253U063EC2B
11.0
21.1
1 3/4 x 4 1/8
18,000
101C183U075EC2B
18.0
16.5
1 3/4 x 4 1/8
29,000
101C293U063ED2B
10.0
23.0
1 3/4 x 4 5/8
21,000
101C213U075ED2B
16.2
18.1
1 3/4 x 4 5/8
29,000
101C293U063BC2B
8.2
26.4
2 x 4 1/8
21,000
101C213U075BC2B
12.7
21.2
2 x 4 1/8
31,000
101C313U063CB2B
8.6
26.9
2 1/2 x 3 1/8
23,000
101C233U075CB2B
14.3
20.8
2 1/2 x 3 1/8
33,000
101C333U063EE2B
9.3
24.8
1 3/4 x 5 1/8
24,000
101C243U075EE2B
14.8
19.6
1 3/4 x 5 1/8
34,000
101C343U063BD2B
7.2
29.3
2 x 4 5/8
25,000
101C253U075BD2B
12.3
22.4
2 x 4 5/8
37,000
101C373U063EF2B
8.8
26.3
1 3/4 x 5 5/8
27,000
101C273U075EF2B
13.9
20.9
1 3/4 x 5 5/8
39,000
101C393U063BE2B
6.5
32.0
2 x 5 1/8
28,000
101C283U075BE2B
11.0
24.6
2 x 5 1/8
40,000
101C403U063CJ2D
7.0
31.4
2 1/2 x 3 5/8
29,000
101C293U075CJ2B
11.5
24.4
2 1/2 x 3 5/8
44,000
101C443U063BF2B
5.9
34.6
2 x 5 5/8
32,000
101C323U075BF2B
9.9
26.7
2 x 5 5/8
47,000
101C473U063DB2B
9.3
29.0
3 x 3 1/8
34,000
101C343U075DB2B
13.3
24.2
3 x 3 1/8
48,000
101C483U063CC2D
5.6
36.4
2 1/2 x 4 1/8
35,000
101C353U075CC2B
8.7
29.4
2 1/2 x 4 1/8
56,000
101C563U063CD2D
5.2
39.5
2 1/2 x 4 5/8
41,000
101C413U075CD2D
8.4
30.9
2 1/2 x 4 5/8
59,000
101C593U063DJ2D
7.5
33.8
3 x 3 5/8
43,000
101C433U075DJ2B
10.8
28.2
3 x 3 5/8
65,000
101C653U063CE2D
4.6
43.3
2 1/2 x 5 1/8
47,000
101C473U075CE2D
7.5
34.0
2 1/2 x 5 1/8
72,000
101C723U063DC2D
6.0
39.5
3 x 4 1/8
52,000
101C523U075DC2D
7.6
35.0
3 x 4 1/8
73,000
101C733U063CF2D
4.2
46.8
2 1/2 x 5 5/8
53,000
101C533U075CF2D
6.7
36.9
2 1/2 x 5 5/8
84,000
101C843U063DD2D
5.6
42.5
3 x 4 5/8
61,000
101C613U075DD2D
7.9
35.7
3 x 4 5/8
97,000
101C973U063DE2D
5.0
46.5
3 x 5 1/8
70,000
101C703U075DE2D
6.1
42.0
3 x 5 1/8
110,000
101C114U063DF2D
4.5
50.2
3 x 5 5/8
79,000
101C793U075DF2D
6.0
43.5
3 x 5 5/8
120,000
101C124U063DP2D
4.3
52.0
3 x 5 7/8
83,000
101C833U075DP2D
5.7
45.1
3 x 5 7/8
160,000
101C164U063DN2D
3.6
62.2
3 x 7 5/8
110,000
101C114U075DN2D
4.7
54.7
3 x 7 5/8
180,000
101C184U063DG2D
3.2
68.2
3 x 8 5/8
130,000
101C134U075DG2D
4.1
60.3
3 x 8 5/8


Similar Part No. - 101C843U7R5AB2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C843U7R5AB2B ETC2-101C843U7R5AB2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C843U7R5AB2B CDE-101C843U7R5AB2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C843U7R5AB2B CDE-101C843U7R5AB2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C843U7R5AB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com