Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7408CUA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7408CUA
Description  5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7408CUA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7408CUA Datasheet HTML 3Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 4Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 5Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 6Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 7Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 8Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 9Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 10Page - Maxim Integrated Products MAX7408CUA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5th-Order, Lowpass,
Elliptic, Switched-Capacitor
_______________________________________________________________________________________
7
0
40
20
80
60
100
120
0
1500 2000
500
1000
2500 3000 3500
INTERNAL OSCILLATOR PERIOD
vs. SMALL CAPACITANCE (in pF)
CAPACITANCE (pF)
VDD = +5V
VDD = +3V
25.5
26.0
27.0
26.5
27.5
28.0
-50
-10
10
-30
30
50
70
90
110
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +3V
COSC = 1000pF
VDD = +5V
0
4
2
8
6
10
12
0
150
200
50
100
250
300
350
INTERNAL OSCILLATOR PERIOD
vs. LARGE CAPACITANCE (in nF)
CAPACITANCE (nF)
VDD = +5V
VDD = +3V
26.6
26.8
26.7
27.0
26.9
27.3
27.2
27.1
27.4
2.0
3.0
2.5
3.5
4.0
4.5
5.0
5.5
INTERNAL OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE
COSC = 1000pF
-3.5
-2.5
-3.0
-1.5
-2.0
-0.5
-1.0
0
-40
0
20
-20
40
60
80
100
DC OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +3V
VDD = +5V
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
2.5
3.5
3.0
4.0
4.5
5.0
5.5
DC OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7408/MAX7411, VDD = +3V for MAX7412/MAX7415; fCLK = 100kHz; SHDN = VDD; VCOM = VOS = VDD / 2;
TA = +25°C; unless otherwise noted.)
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
MAX7412
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
B
A
SEE TABLE A
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX7415
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
A
B
A
B
SEE TABLE A


Similar Part No. - MAX7408CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7408CUA++ MAXIM-MAX7408CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7408CUA++ MAXIM-MAX7408CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7408CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
   Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com