Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3188BA223U016APA1 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 3188BA223U016APA1
Description  85 째C Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3188BA223U016APA1 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  3188BA223U016APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3188BA223U016APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3188BA223U016APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3188BA223U016APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3188BA223U016APA1 Datasheet HTML 5Page - Cornell Dubilier Electronics 3188BA223U016APA1 Datasheet HTML 6Page - Cornell Dubilier Electronics 3188BA223U016APA1 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 3188 85 °C Best Value, Screw Terminal, Aluminum
85 °C Long Life Screw Terminal Type
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3188 Impedance vs Temperature and Frequency 6000 µF 400V
–40 ºC
0 ºC
25 ºC
45 ºC
85 ºC
65 ºC
–20 ºC
220 mΩ
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3188 Capacitance vs Temperature & Frequency 24000 µF 100 V
45 ºC 25 ºC
65 ºC
0 ºC
–40 ºC
85 ºC
–20 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3188 ESR vs Temperature & Frequency 6000 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
85 ºC
65 ºC
45 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3188 Capacitance vs Temperature & Frequency 6000µF 400 V
45 ºC 25 ºC
65 ºC
0 ºC
–40 ºC
85 ºC
–20 ºC
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3188 ESR vs Temperature & Frequency 24000 µF 100 V
–40 ºC
–20 ºC
0 ºC
25 ºC
85 ºC
65 ºC
45 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3188 Impedance vs Temperature and Frequency 24000 µF 100V
–45 ºC
0 ºC
25 ºC
45 ºC
85 ºC
65 ºC
–20 ºC


Similar Part No. - 3188BA223U016APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
231Kb / 5P
   Aluminum Electrolytic Screw Terminals
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
More results

Similar Description - 3188BA223U016APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com