Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550184U6R3AF2B Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 550184U6R3AF2B
Description  High Ripple, Long Life, Computer Grade
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550184U6R3AF2B Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  550184U6R3AF2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550184U6R3AF2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550184U6R3AF2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550184U6R3AF2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550184U6R3AF2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550184U6R3AF2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550184U6R3AF2B Datasheet HTML 7Page - Cornell Dubilier Electronics 550184U6R3AF2B Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 550 105 °C High Ripple, Long-life, Inverter Grade, Aluminum
ESR Max
@ 25°C
Ripple Current
Max @ 85°C
Nominal
Size
ESR Max
@ 25°C
Ripple Current
Max @ 85°C
Nominal
Size
Cap.
(µF)
Cap.
(µF)
Catalog
Part Number
120Hz 20kHz 120Hz 20kHz
D x L
Catalog
Part Number
120Hz 20kHz 120Hz 20kHz
D x L
(mΩ)
(mΩ)
(A)
(A)
(in.)
(mΩ)
(mΩ)
(A)
(A)
(in.)
50 Vdc (65 Vdc Surge ) (continued)
31,000 550313U100CF2B 8.8
6.5
27.1
31.6
2 ½ X 5 ⅝
17,000 550173U050AC2B 21.0
9.3
11.0
16.5
1 ⅜ X 4 ⅛ 31,000 550313U100DC2B 11.7
9.3
23.6
28.3
3 X 4 ⅛
25,000 550253U050AF2B 15.2
7.2
14.7
21.3
1 ⅜ X 5 ⅝ 42,000 550423U100DE2B 9.0
7.2
28.8
33.7
3 X 5 ⅛
25,000 550253U050BB2B 15.7
7.4
14.1
20.5
2 X 3 ⅛ 47,000 550473U100DF2D 8.1
6.5
31.4
35.0
3 X 5 ⅝
37,000 550373U050BC2B 10.8
5.3
18.8
27.0
2 X 4 ⅛ 49,000 550493U100DP2D 7.7
6.2
32.8
36.5
3 X 5 ⅞
55,000 550553U050BF2B 7.7
4.0
25.0
34.7
2 X 5 ⅝ 68,000 550683U100DG2D 10.1
6.1
33.8
43.6
3 X 8 ⅝
61,000 550613U050CC2B 7.0
3.6
26.9
37.5
2 ½ X 4 ⅛
200 Vdc - 250 Vdc Surge
91,000 550913U050CF2D 4.9
2.6
36.5
49.7
2 ½ X 5 ⅝ 320
550321T200AK2B 295.0
189.0
2.8
4.2
1 ⅜ X 1 ⅝
91,000 550913U050DC2D 5.9
3.7
33.2
42.1
3 X 4 ⅛ 520
550521T200AA2B 181.0
116.0
3.8
5.7
1 ⅜ X 2 ⅛
120,000 550124U050DE2D 4.6
2.9
40.3
50.6
3 X 5 ⅛ 750
550751T200AH2B 125.0
80.8
4.9
7.3
1 ⅜ X 2 ⅝
140,000 550144U050DF2D 4.2
2.7
43.8
54.7
3 X 5 ⅝ 980
550981T200AB2B 96.2
60.0
5.7
8.5
1 ⅜ X 3 ⅛
140,000 550144U050DP2D 4.0
2.6
45.7
50.0
3 X 5 ⅞ 1,200
550122T200AC2B 78.3
48.9
7.1
10.4
1 ⅜ X 4 ⅛
220,000 550224U050DG2D 3.8
2.5
50.0
50.0
3 X 8 ⅝ 1,400
550142T200AF2B 66.1
40.2
8.5
12.2
1 ⅜ X 5 ⅝
75 Vdc (100 Vdc Surge)
2,000
550202T200BB2B 51.2
32.6
9.9
14.0
2 X 3 ⅛
2,300
550232U075AK2B 114.0
74.0
3.3
4.6
1 ⅜ X 1 ⅝ 3,000
550302T200BC2B 33.7
21.6
12.6
17.6
2 X 4 ⅛
3,800
550382U075AA2B 69.1
44.8
4.6
6.4
1 ⅜ X 2 ⅛ 4,600
550462T200BF2B 22.6
14.6
15.4
21.1
2 X 5 ⅝
5,300
550532U075AH2B 49.8
32.4
5.9
8.1
1 ⅜ X 2 ⅝ 5,000
550502T200CC2B 21.2
13.8
18.3
24.6
2 ½ X 4 ⅛
6,900
550692U075AB2B 39.1
25.6
7.2
9.6
1 ⅜ X 3 ⅛ 7,500
550752T200DC2B 17.5
12.6
21.8
27.0
3 X 4 ⅛
9,900
550992U075AC2B 27.7
18.4
9.5
12.0
1 ⅜ X 4 ⅛ 7,600
550762T200CF2B 14.2
9.2
22.5
29.8
2 ½ X 5 ⅝
14,000 550143U075BB2B 26.2
19.6
10.9
14.4
2 X 3 ⅛ 10,000 550103T200DE2B 13.3
9.2
25.5
31.3
3 X 5 ⅛
15,000 550153U075AF2B 19.8
13.4
12.9
15.6
1 ⅜ X 5 ⅝ 11,000 550113T200DF2B 11.8
8.3
27.0
33.0
3 X 5 ⅝
21,000 550213U075BC2B 18.0
13.6
14.6
18.8
2 X 4 ⅛ 12,000 550123T200DP2B 11.2
8.1
27.4
33.4
3 X 5 ⅞
31,000 550313U075BF2B 12.7
9.8
19.5
22.2
2 X 5 ⅝ 19,000 550193T200DG2B 13.0
11.0
25.1
27.0
3 X 8 ⅝
35,000 550353U075CC2B 12.2
8.8
20.3
25.3
2 ½ X 4 ⅛
250 Vdc - 300 Vdc Surge
52,000 550523U075CF2B 8.5
6.1
27.7
32.5
2 ½ X 5 ⅝ 260
550261T250AK2B 341.0
196.0
2.8
4.2
1 ⅜ X 1 ⅝
52,000 550523U075DC2B 11.2
9.4
24.1
28.3
3 X 4 ⅛ 420
550421T250AA2B 209.0
120.0
3.6
5.6
1 ⅜ X 2 ⅛
69,000 550693U075DE2B 8.6
7.2
29.5
33.7
3 X 5 ⅛ 610
550611T250AH2B 145.0
81.8
4.6
7.2
1 ⅜ X 2 ⅝
77,000 550773U075DF2D 7.7
6.5
32.1
36.7
3 X 5 ⅝ 800
550801T250AB2B 104.0
60.7
5.5
8.4
1 ⅜ X 3 ⅛
82,000 550823U075DP2D 7.4
6.3
33.6
38.3
3 X 5 ⅞ 990
550991T250AJ2B 84.7
52.6
6.3
9.7
1 ⅜ X 3 ⅝
110,000 550114U075DG2D 9.8
6.1
34.4
45.6
3 X 8 ⅝ 1,200
550122T250AC2B 71.5
42.0
6.8
10.4
1 ⅜ X 4 ⅛
100 Vdc (125 Vdc Surge)
1,600
550162T250AE2B 54.8
32.5
8.2
15.3
1 ⅜ X 5 ⅛
1,400
550142U100AK2B 140.0
87.3
2.9
4.3
1 ⅜ X 1 ⅝ 1,700
550172T250AF2B 49.2
29.3
8.2
12.1
1 ⅜ X 5 ⅝
2,300
550232U100AA2B 84.4
52.8
4.2
6.0
1 ⅜ X 2 ⅛ 1,600
550162T250BB2B 56.8
33.0
9.3
13.8
2 X 3 ⅛
3,200
550322U100AH2B 60.7
38.1
5.3
7.5
1 ⅜ X 2 ⅝ 2,500
550252T250BC2B 36.1
21.8
11.9
17.4
2 X 4 ⅛
4,200
550422U100AB2B 47.6
30.0
6.5
8.9
1 ⅜ X 3 ⅛ 3,800
550382T250BF2B 24.1
14.8
14.5
21.0
2 X 5 ⅝
6,000
550602U100AC2B 33.6
21.4
8.7
10.8
1 ⅜ X 4 ⅛ 4,100
550412T250CC2B 24.2
14.0
14.5
20.9
2 ½ X 4 ⅛
8,500
550852U100BB2B 29.7
21.0
10.3
14.2
2 X 3 ⅛ 6,200
550622T250CF2B 15.2
9.3
21.4
29.5
2 ½ X 5 ⅝
8,800
550882U100AF2B 26.2
15.5
11.2
14.5
1 ⅜ X 5 ⅝ 6,100
550612T250DC2B 19.8
12.7
21.0
26.9
3 X 4 ⅛
13,000 550133U100BC2B 20.3
14.5
13.8
18.2
2 X 4 ⅛ 8,200
550822T250DE2B 14.0
9.3
24.5
31.1
3 X 5 ⅛
19,000 550193U100BF2B 14.2
10.4
18.4
22.6
2 X 5 ⅝ 9,300
550932T250DF2B 12.0
8.4
25.9
32.8
3 X 5 ⅝
21,000 550213U100CC2B 12.8
9.3
19.9
25.6
2 ½ X 4 ⅛


Similar Part No. - 550184U6R3AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550184U6R3AF2B CDE-550184U6R3AF2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
More results

Similar Description - 550184U6R3AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
United Chemi-Con, Inc.
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com