Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

520C113T200CF2B Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 520C113T200CF2B
Description  High Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C113T200CF2B Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  520C113T200CF2B Datasheet HTML 1Page - Cornell Dubilier Electronics 520C113T200CF2B Datasheet HTML 2Page - Cornell Dubilier Electronics 520C113T200CF2B Datasheet HTML 3Page - Cornell Dubilier Electronics 520C113T200CF2B Datasheet HTML 4Page - Cornell Dubilier Electronics 520C113T200CF2B Datasheet HTML 5Page - Cornell Dubilier Electronics 520C113T200CF2B Datasheet HTML 6Page - Cornell Dubilier Electronics 520C113T200CF2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Additional Smaller Sizes available at www.cde.com/catalogs/520C.pdf
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C 120 Hz
(mΩ)
Ripple Max. @
85 °C 120 Hz
(A)
Nominal Size
D x L (inches)
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C 120 Hz
(mΩ)
Ripple Max. @
85 °C 120 Hz
(A)
Nominal Size
D x L (inches)
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
3200
520C322T200CH2B
44.3
9.0
2 1/2 x 2 5/8
16000 520C163T250FP2D
13.5
26.0
3 1/2 x 5 7/8
4400
520C442T200CB2B
32.8
11.1
2 1/2 x 3 1/8
18000 520C183T250DG2D
7.4
36.2
3 x 8 5/8
5700
520C572T200CJ2B
23.4
13.8
2 1/2 x 3 5/8
22000 520C223T250FN2D
11.0
31.5
3 1/2 x 7 5/8
6400
520C642T200DB2B
31.8
12.6
3 x 3 1/8
26000 520C263T250FG2D
9.6
34.6
3 1/2 x 8 5/8
7000
520C702T200CC2B
21.3
15.1
2 1/2 x 4 1/8
300 Vdc (350 Vdc Surge)
8200
520C822T200CD2B
18.2
17.0
2 1/2 x 4 5/8
1600
520C162T300CH2B
59.5
7.8
2 1/2 x 2 5/8
8200
520C822T200DJ2B
24.9
15.0
3 x 3 5/8
2200
520C222T300CB2B
48.8
9.1
2 1/2 x 3 1/8
9500
520C952T200CD2B
16.6
18.4
2 1/2 x 5 1/8
2900
520C292T300CJ2B
40.0
10.6
2 1/2 x 3 5/8
10000 520C103T200DC2B
20.7
17.1
3 x 4 1/8
3400
520C342T300DB2B
44.9
10.6
3 x 3 1/8
11000 520C113T200CF2B
14.4
20.4
2 1/2 x 5 5/8
3500
520C352T300CC2B
31.4
12.5
2 1/2 x 4 1/8
12000 520C123T200DD2B
17.7
19.2
3 x 4 5/8
4100
520C412T300CD2B
26.8
14.0
2 1/2 x 4 5/8
14000 520C143T200DE2B
18.0
19.7
3 x 5 1/8
4300
520C432T300DJ2B
35.7
12.5
3 x 3 5/8
15000 520C153T200FC2D
15.6
21.7
3 1/2 x 4 1/8
4800
520C482T300CD2B
23.3
15.5
2 1/2 x 5 1/8
16000 520C163T200DF2B
14.0
23.0
3 x 5 5/8
5300
520C532T300DC2B
27.5
14.9
3 x 4 1/8
16000 520C163T200DP2B
16.1
21.7
3 x 5 7/8
5400
520C542T300CF2B
20.7
17.0
2 1/2 x 5 5/8
17000 520C173T200FD2D
13.3
24.4
3 1/2 x 4 5/8
6300
520C632T300DD2B
24.8
16.3
3 x 4 5/8
20000 520C203T200FE2D
14.1
24.4
3 1/2 x 5 1/8
7200
520C722T300DE2B
21.5
18.0
3 x 5 1/8
22000 520C223T200DN2D
12.3
27.6
3 x 7 5/8
7400
520C742T300FC2D
22.1
18.2
3 1/2 x 4 1/8
23000 520C233T200FF2D
12.6
26.5
3 1/2 x 5 5/8
8200
520C822T300DF2B
18.9
19.8
3 x 5 5/8
24000 520C243T200FP2D
12.0
27.5
3 1/2 x 5 7/8
8700
520C872T300DP2B
17.9
20.6
3 x 5 7/8
26000 520C263T200DG2D
10.1
31.0
3 x 8 5/8
8800
520C882T300FD2D
19.1
20.3
3 1/2 x 4 5/8
34000 520C343T200FN2D
9.7
33.6
3 1/2 x 7 5/8
10000 520C103T300FE2D
16.8
22.3
3 1/2 x 5 1/8
39000 520C393T200FG2D
8.3
37.2
3.5 x 8 5/8
11000 520C113T300FF2D
15.0
24.4
3 1/2 x 5 5/8
250 Vdc (300 Vdc Surge)
12000 520C123T300DN2B
13.8
26.1
3 x 7 5/8
2100
520C212T250CH2B
54.2
8.2
2 1/2 x 2 5/8
12000 520C123T300FP2D
14.2
25.3
3 1/2 x 5 7/8
3000
520C302T250CB2B
33.6
11.0
2 1/2 x 3 1/8
14000 520C143T300DG2B
11.3
29.3
3 x 8 5/8
3900
520C392T250CJ2B
26.3
13.0
2 1/2 x 3 5/8
17000 520C173T300FN2D
11.5
30.9
3 1/2 x 7 5/8
4300
520C432T250DB2B
29.0
13.2
3 x 3 1/8
20000 520C203T300FG2D
9.8
34.2
3 1/2 x 8 5/8
4700
520C472T250CC2B
21.8
15.0
2 1/2 x 4 1/8
350 Vdc (400 Vdc Surge)
5600
520C562T250CD2B
18.6
16.8
2 1/2 x 4 5/8
1500
520C152T350CH2B
91.3
6.3
2 1/2 x 2 5/8
5600
520C562T250DJ2B
22.7
15.7
3 x 3 5/8
2000
520C202T350CB2B
64.0
8.0
2 1/2 x 3 1/8
6400
520C642T250CD2B
16.3
18.6
2 1/2 x 5 1/8
2600
520C262T350CJ2B
51.0
9.4
2 1/2 x 3 5/8
6800
520C682T250DC2B
18.5
18.2
3 x 4 1/8
3100
520C312T350DB2B
56.6
9.5
3 x 3 1/8
7300
520C732T250CF2B
14.5
20.3
2 1/2 x 5 5/8
3200
520C322T350CC2B
41.9
10.8
2 1/2 x 4 1/8
8000
520C802T250DD2B
17.1
19.5
3 x 4 5/8
3800
520C382T350CD2B
35.7
12.1
2 1/2 x 4 5/8
9300
520C932T250DE2B
15.0
21.6
3 x 5 1/8
4000
520C402T350DJ2B
43.8
11.3
3 x 3 5/8
10000 520C103T250FC2D
20.4
19.0
3 1/2 x 4 1/8
4400
520C442T350CD2B
31.1
13.5
2 1/2 x 5 1/8
11000 520C113T250DF2B
12.6
24.3
3 x 5 5/8
4800
520C482T350DC2B
36.5
12.9
3 x 4 1/8
11000 520C113T250DP2B
12.1
25.1
3 x 5 7/8
4900
520C492T350CF2B
27.6
14.7
2 1/2 x 5 5/8
12000 520C123T250FD2D
18.1
20.9
3 1/2 x 4 5/8
5700
520C572T350DD2B
31.0
14.5
3 x 4 5/8
14000 520C143T250FE2D
15.8
23.0
3 1/2 x 5 1/8
6600
520C662T350DE2B
27.1
16.1
3 x 5 1/8
15000 520C153T250FF2D
13.9
25.3
3 1/2 x 5 5/8
6800
520C682T350FC2D
31.4
15.3
3 1/2 x 4 1/8
16000 520C163T250DN2B
9.1
32.2
3 x 7 5/8
7500
520C752T350DF2B
24.1
17.5
3 x 5 5/8
Type 520C 85 °C Long Life, Inverter Grade, Aluminum
High Ripple, Long Life Screw Terminal Type


Similar Part No. - 520C113T200CF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C113T200CF2B CDE-520C113T200CF2B Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
520C113T200CF2B CDE-520C113T200CF2B Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
More results

Similar Description - 520C113T200CF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com