Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6745XKLD3-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6745XKLD3-T
Description  Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6745XKLD3-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6745XKLD3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 9Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 10Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 11Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 12Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 13Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 14Page - Maxim Integrated Products MAX6745XKLD3-T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
______________________________________________________________________________________
11
released. The manual reset detect function is internally
debounced for the tDEB timeout period, so the output
can be connected directly to a momentary pushbutton
switch, if desired (Figure 2).
Manual Reset Input
Many microprocessor-based products require manual
reset capability, allowing the operator, a test techni-
cian, or external logic circuitry to initiate a reset while
the monitored supplies remain above their reset thresh-
olds. The MAX6736–MAX6739 have a dedicated
active-low
MR input. The RESET is asserted low while
MR is held low and remains asserted for the manual
reset timeout period after
MR returns high. The MR
input has an internal 1.5k
Ω pullup resistor to VCC1 and
can be left unconnected if not used.
MR can be driven
with CMOS logic levels, open-drain/open-collector out-
puts, or a momentary pushbutton switch to GND to cre-
ate a manual reset function.
Adjustable Input Voltage
The MAX6738/MAX6739 and MAX6740/MAX6743 pro-
vide an additional input to monitor a second or third
system voltage. The threshold voltage at RSTIN is typi-
cally 488mV. Connect a resistor-divider network to the
circuit as shown in Figure 3 to establish an externally
controlled threshold voltage, VEXT_TH.
VEXT_TH = 0.488V((R1 + R2) / R2)
Low leakage current at RSTIN allows the use of large-
valued resistors, resulting in reduced power consump-
tion of the system.
Power-Fail Comparator
PFI is the noninverting input to an auxiliary comparator. A
488mV internal reference (VTH-PFI) is connected to the
inverting input of the comparator. If PFI is less than
488mV,
PFO is asserted low. PFO deasserts without a
timeout period when PFI rises above the externally set
threshold. Common uses for the power-fail comparator
include monitoring for low battery conditions or a failing
DC-DC converter input voltage (see the Typical
Application Circuits). The asserted
PFO output can place
a system in a low-power suspend mode or support an
orderly system shutdown before monitored VCC voltages
drop below the reset thresholds. Connect PFI to an exter-
nal resistor-divider network as shown in Figure 4 to set
the desired trip threshold. Connect PFI to VCC1 if unused.
Applications Information
Interfacing to the µP with
Bidirectional Reset Pins
Most microprocessors with bidirectional reset pins can
interface directly to open-drain
RESET output options.
Systems simultaneously requiring a push-pull RESET
output and a bidirectional reset interface can be in
logic contention. To prevent contention, connect a
4.7k
Ω resistor between RESET and the µP’s reset I/O
port as shown in Figure 5.
Figure 2. MAX6740/MAX6741/MAX6742 Manual Reset Timing Diagram
OPEN
CLOSED
tDEB
GND
tMRP
tMRP
tDEB
VCC1
RESET
PUSHBUTTON
SWITCH
SWITCH
BOUNCE
SWITCH
BOUNCE
SWITCH
BOUNCE
SWITCH
BOUNCE
MAX6738
MAX6739
MAX6740
MAX6743
RSTIN
GND
VEXT_TH
R1
R2
Figure 3. Monitoring an Additional Voltage


Similar Part No. - MAX6745XKLD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6745 MAXIM-MAX6745 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
More results

Similar Description - MAX6745XKLD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com