Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7407 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7407
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7407 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7407 Datasheet HTML 2Page - Maxim Integrated Products MAX7407 Datasheet HTML 3Page - Maxim Integrated Products MAX7407 Datasheet HTML 4Page - Maxim Integrated Products MAX7407 Datasheet HTML 5Page - Maxim Integrated Products MAX7407 Datasheet HTML 6Page - Maxim Integrated Products MAX7407 Datasheet HTML 7Page - Maxim Integrated Products MAX7407 Datasheet HTML 8Page - Maxim Integrated Products MAX7407 Datasheet HTML 9Page - Maxim Integrated Products MAX7407 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7400/MAX7403, VDD = +3V for MAX7404/MAX7407; VCOM = VOS = VDD / 2; SHDN = VDD; fCLK = 100kHz;
TA = +25°C; unless otherwise noted.)
1.5
1.8
1.7
1.6
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD
MAX7404
MAX7407
MAX7400
MAX7403
1.97
1.99
1.98
2.01
2.00
2.02
2.03
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
NO LOAD
MAX7400
MAX7403
MAX7404
MAX7407
-20
-15
-10
-5
0
5
10
15
20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VIN = VCOM = VDD/2
MAX7404
MAX7407
MAX7400
MAX7403
-0.5
0
0.5
1.5
1.0
2.0
-40
-20
0
20
40
60
80
100
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VIN = VCOM = VDD/2
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012345
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE (MAX7400)
AMPLITUDE (Vp-p)
NO LOAD
(SEE TABLE A)
B
C
D
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012345
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE AND RESISTIVE LOAD (MAX7400)
AMPLITUDE (Vp-p)
fIN = 200Hz
fC = 1kHz
MEASUREMENT BW = 22kHz
RL = 500Ω
RL = 1kΩ
RL = 10kΩ
-120
-80
-100
-60
0
20
-20
-40
40
012345
MAX7403/MAX7407 (r = 1.2)
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
-0.32
-0.16
-0.24
-0.08
0.16
0.24
0.08
0
0.32
0
202
404
606
808
1010
MAX7403/MAX7407 (r = 1.2)
PASSBAND FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
-640
-480
-560
-400
-160
-80
-240
-320
0
0
240
480
720
960
1200
MAX7403/MAX7407 (r = 1.2)
PHASE RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz


Similar Part No. - MAX7407

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CPA MAXIM-MAX7401CPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CSA MAXIM-MAX7401CSA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401EPA MAXIM-MAX7401EPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401ESA MAXIM-MAX7401ESA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results

Similar Description - MAX7407

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com