Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMC913U6R3AB2B Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # DCMC913U6R3AB2B
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC913U6R3AB2B Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button DCMC913U6R3AB2B Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 9Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 10Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 11Page - Cornell Dubilier Electronics DCMC913U6R3AB2B Datasheet HTML 12Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
160000 DCMC164U075FF2D
8.4
25.7
3 1/2 x 5 5/8
92000 DCMC923U100FE2D
10.9
22.0
3 1/2 x 5 1/8
170000 DCMC174U075DN2D
7.7
28.1
3 x 7 5/8
100000 DCMC104U100FF2D
10.2
23.4
3 1/2 x 5 5/8
170000 DCMC174U075FP2D
8.1
27.1
3 1/2 x 5 7/8
110000 DCMC114U100DN2B
9.2
25.8
3 x 7 5/8
200000 DCMC204U075DG2B
6.8
29.8
3 x 8 5/8
110000 DCMC114U100FP2D
10.0
24.3
3 1/2 x 5 7/8
230000 DCMC234U075FN2D
6.9
32.3
3 1/2 x 7 5/8
130000 DCMC134U100DG2B
8.2
27.3
3 x 8 5/8
270000 DCMC274U075FG2D
6.2
35.2
3 1/2 x 8 5/8
150000 DCMC154U100FN2D
8.3
29.5
3 1/2 x 7 5/8
100 Vdc (125 Vdc Surge)
180000 DCMC184U100FG2D
7.3
32.3
3 1/2 x 8 5/8
1900 DCMC192U100AK2B
98.4
2.9
1 3/8 x 1 5/8
160 Vdc (200 Vdc Surge)
3100 DCMC312U100AA2B
60.2
4.0
1 3/8 x 2 1/8
1100 DCMC112T160AK2B
149.6
2.3
1 3/8 x 1 5/8
3900 DCMC392U100AH2B
51.0
4.7
1 3/8 x 2 5/8
1800 DCMC182T160AA2B
93.0
3.3
1 3/8 x 2 1/8
5500 DCMC552U100AB2B
43.4
5.5
1 3/8 x 3 1/8
2300 DCMC232T160AH2B
70.5
4.0
1 3/8 x 2 5/8
6000 DCMC602U100EA2B
62.0
4.8
1 3/4 x 2 1/8
3200 DCMC322T160AB2B
58.5
4.7
1 3/8 x 3 1/8
6300 DCMC632U100BA2B
51.8
5.6
2 x 2 1/8
3500 DCMC352T160EA2B
62.0
4.8
1 3/4 x 2 1/8
7000 DCMC702U100AJ2B
36.5
6.9
1 3/8 x 3 5/8
3700 DCMC372T160BA2B
70.5
4.8
2 x 2 1/8
7100 DCMC712U100EH2B
52.8
6.0
1 3/4 x 2 5/8
4100 DCMC412T160AJ2B
50.2
5.9
1 3/8 x 3 5/8
8600 DCMC862U100AC2B
33.3
7.8
1 3/8 x 4 1/8
4100 DCMC412T160EH2B
52.8
6.0
1 3/4 x 2 5/8
9000 DCMC902U100BH2B
37.8
5.9
2 x 2 5/8
5000 DCMC502T160AC2B
42.9
6.9
1 3/8 x 4 1/8
9900 DCMC992U100EB2B
38.0
6.4
1 3/4 x 3 1/8
5300 DCMC532T160BH2B
46.5
5.3
2 x 2 5/8
10000 DCMC103U100AD2B
31.1
7.5
1 3/8 x 4 5/8
5800 DCMC582T160EB2B
38.0
6.4
1 3/4 x 3 1/8
12000 DCMC123U100AE2B
30.0
8.0
1 3/8 x 5 1/8
5900 DCMC592T160AD2B
37.7
6.8
1 3/8 x 4 5/8
13000 DCMC133U100AF2B
29.0
8.6
1 3/8 x 5 5/8
6800 DCMC682T160AE2B
34.7
7.5
1 3/8 x 5 1/8
13000 DCMC133U100EJ2B
29.9
8.8
1 3/4 x 3 5/8
7400 DCMC742T160EJ2B
29.9
8.4
1 3/4 x 3 5/8
13000 DCMC133U100BB2B
30.6
9.0
2 x 3 1/8
7400 DCMC742T160BB2B
33.5
8.3
2 x 3 1/8
15000 DCMC153U100CH2B
33.7
8.9
2 1/2 x 2 5/8
7700 DCMC772T160AF2B
32.2
8.8
1 3/8 x 5 5/8
16000 DCMC163U100EC2B
24.8
8.0
1 3/4 x 4 1/8
8300 DCMC832T160CH2B
30.1
9.4
2 1/2 x 2 5/8
16000 DCMC163U100BJ2B
22.3
9.0
2 x 3 5/8
9100 DCMC912T160EC2B
24.8
8.0
1 3/4 x 4 1/8
18000 DCMC183U100ED2B
21.2
9.8
1 3/4 x 4 5/8
9500 DCMC952T160BJ2B
26.4
8.3
2 x 3 5/8
20000 DCMC203U100BC2B
19.9
10.7
2 x 4 1/8
11000 DCMC113T160ED2B
21.2
9.8
1 3/4 x 4 5/8
21000 DCMC213U100EE2B
18.7
11.5
1 3/4 x 5 1/8
12000 DCMC123T160EE2B
18.7
11.0
1 3/4 x 5 1/8
21000 DCMC213U100CB2B
23.4
10.7
2 1/2 x 3 1/8
12000 DCMC123T160BC2B
21.9
10.7
2 x 4 1/8
23000 DCMC233U100BD2B
17.7
12.8
2 x 4 5/8
12000 DCMC123T160CB2B
21.3
11.2
2 1/2 x 3 1/8
24000 DCMC243U100EF2B
16.8
13.6
1 3/4 x 5 5/8
14000 DCMC143T160EF2B
16.8
13.1
1 3/4 x 5 5/8
27000 DCMC273U100BE2B
15.6
12.4
2 x 5 1/8
14000 DCMC143T160BD2B
18.8
12.8
2 x 4 5/8
27000 DCMC273U100CJ2B
19.1
11.9
2 1/2 x 3 5/8
15000 DCMC153T160CJ2B
17.0
11.9
2 1/2 x 3 5/8
31000 DCMC313U100BF2B
14.9
14.1
2 x 5 5/8
16000 DCMC163T160BE2B
16.6
12.8
2 x 5 1/8
31000 DCMC313U100DB2B
19.9
12.8
3 x 3 1/8
17000 DCMC173T160DB2B
14.7
14.3
3 x 3 1/8
33000 DCMC333U100CC2B
16.5
14.6
2 1/2 x 4 1/8
18000 DCMC183T160BF2B
14.9
14.8
2 x 5 5/8
39000 DCMC393U100CD2B
14.7
16.0
2 1/2 x 4 5/8
18000 DCMC183T160CC2B
14.1
15.8
2 1/2 x 4 1/8
40000 DCMC403U100DJ2B
16.4
15.6
3 x 3 5/8
22000 DCMC223T160CD2B
11.9
17.8
2 1/2 x 4 5/8
45000 DCMC453U100CE2B
13.4
15.9
2 1/2 x 5 1/8
22000 DCMC223T160DJ2B
11.5
18.6
3 x 3 5/8
49000 DCMC493U100DC2B
14.4
16.1
3 x 4 1/8
25000 DCMC253T160CE2B
10.7
17.8
2 1/2 x 5 1/8
51000 DCMC513U100CF2B
12.5
18.0
2 1/2 x 5 5/8
27000 DCMC273T160DC2B
9.6
19.7
3 x 4 1/8
58000 DCMC583U100DD2B
13.0
18.3
3 x 4 5/8
28000 DCMC283T160CF2B
9.6
20.5
2 1/2 x 5 5/8
67000 DCMC673U100DE2B
12.0
19.7
3 x 5 1/8
32000 DCMC323T160DD2B
8.2
23.0
3 x 4 5/8
67000 DCMC673U100FC2D
13.4
19.2
3 1/2 x 4 1/8
37000 DCMC373T160DE2B
7.3
25.3
3 x 5 1/8
76000 DCMC763U100DF2B
11.2
21.3
3 x 5 5/8
37000 DCMC373T160FC2D
9.2
23.2
3 1/2 x 4 1/8
79000 DCMC793U100FD2D
12.1
23.1
3 1/2 x 4 5/8
42000 DCMC423T160DF2B
6.5
27.9
3 x 5 5/8
80000 DCMC803U100DP2B
11.1
21.0
3 x 5 7/8
44000 DCMC443T160FD2D
7.9
28.6
3 1/2 x 4 5/8


Similar Part No. - DCMC913U6R3AB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC913U6R3AB2B CDE-DCMC913U6R3AB2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC913U6R3AB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com