Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500C254U6R3CH2B Datasheet(PDF) 11 Page - Cornell Dubilier Electronics

Part # 500C254U6R3CH2B
Description  Long Life, High Capacitance Screw Terminal Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C254U6R3CH2B Datasheet(HTML) 11 Page - Cornell Dubilier Electronics

Back Button 500C254U6R3CH2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 9Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 10Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 11Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 12Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 13Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 14Page - Cornell Dubilier Electronics 500C254U6R3CH2B Datasheet HTML 15Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 500C 95 °C Long Life, Screw Terminal, Aluminum
Long Life, High Capacitance Screw Terminal Type
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
300 Vdc (350 Vdc Surge)
350 Vdc (400 Vdc Surge)
1600
500C162T300AD2B
77.4
5.40
1 3/8 x 4 5/8
770
500C771T350EH2B
162.0
3.50
1 3/4 x 2 5/8
1800
500C182T300AE2B
65.7
6.10
1 3/8 x 5 1/8
790
500C791T350AJ2B
153.0
3.50
1 3/8 x 3 5/8
1800
500C182T300EJ2B
68.3
6.10
1 3/4 x 3 5/8
790
500C791T350BA2B
168.0
3.50
2 x 2 1/8
1900
500C192T300BB2B
71.1
6.10
2 x 3 1/8
950
500C951T350AC2B
127.0
4.00
1 3/8 x 4 1/8
2000
500C202T300AF2B
60.3
6.60
1 3/8 x 5 5/8
970
500C971T350BH2B
132.0
4.20
2 x 2 5/8
2200
500C222T300EC2B
56.7
7.00
1 3/4 x 4 1/8
990
500C991T350EB2B
125.0
4.30
1 3/4 x 3 1/8
2200
500C222T300CH2B
60.5
7.20
2 1/2 x 2 5/8
1100
500C112T350AD2B
110.0
4.50
1 3/8 x 4 5/8
2400
500C242T300BJ2B
55.5
7.30
2 x 3 5/8
1300
500C132T350AE2B
96.3
5.00
1 3/8 x 5 1/8
2600
500C262T300ED2B
48.5
7.90
1 3/4 x 4 5/8
1300
500C132T350EJ2B
97.3
5.10
1 3/4 x 3 5/8
2900
500C292T300BC2B
45.7
8.40
2 x 4 1/8
1300
500C132T350BB2B
101.0
5.10
2 x 3 1/8
2900
500C292T300CB2B
46.5
8.70
2 1/2 x 3 1/8
1400
500C142T350AF2B
85.9
5.50
1 3/8 x 5 5/8
3000
500C302T300EE2B
42.5
8.70
1 3/4 x 5 1/8
1500
500C152T350CH2B
86.9
6.00
2 1/2 x 2 5/8
3400
500C342T300EF2B
37.9
9.50
1 3/4 x 5 5/8
1600
500C162T350EC2B
79.9
5.90
1 3/4 x 4 1/8
3500
500C352T300BD2B
38.9
9.50
2 x 4 5/8
1600
500C162T350BJ2B
79.2
6.10
2 x 3 5/8
3700
500C372T300CJ2B
38.1
10.10
2 1/2 x 3 5/8
1800
500C182T350ED2B
67.8
6.60
1 3/4 x 4 5/8
4000
500C402T300BE2B
34.0
10.50
2 x 5 1/8
2000
500C202T350BC2B
65.1
7.00
2 x 4 1/8
4100
500C412T300DB2B
42.8
10.10
3 x 3 1/8
2100
500C212T350EE2B
59.1
7.40
1 3/4 x 5 1/8
4500
500C452T300BF2B
30.2
11.50
2 x 5 5/8
2100
500C212T350CB2B
61.0
7.60
2 1/2 x 3 1/8
4500
500C452T300CC2B
29.9
11.90
2 1/2 x 4 1/8
2300
500C232T350BD2B
55.4
8.00
2 x 4 5/8
5200
500C522T300DJ2B
34.0
11.90
3 x 3 5/8
2400
500C242T350EF2B
52.4
8.10
1 3/4 x 5 5/8
5300
500C532T300CD2B
25.5
13.40
2 1/2 x 4 5/8
2700
500C272T350BE2B
48.3
8.80
2 x 5 1/8
6100
500C612T300CE2B
22.2
14.80
2 1/2 x 5 1/8
2700
500C272T350CJ2B
48.5
8.90
2 1/2 x 3 5/8
6400
500C642T300DC2B
26.2
14.20
3 x 4 1/8
2900
500C292T350DB2B
54.0
9.00
3 x 3 1/8
6900
500C692T300CF2B
19.8
16.20
2 1/2 x 5 5/8
3100
500C312T350BF2B
42.8
9.70
2 x 5 5/8
7500
500C752T300DD2B
23.6
15.50
3 x 4 5/8
3300
500C332T350CC2B
39.9
10.30
2 1/2 x 4 1/8
8700
500C872T300DE2B
20.5
17.20
3 x 5 1/8
3700
500C372T350DJ2B
41.7
10.80
3 x 3 5/8
8900
500C892T300FC2D
21.0
17.40
3 1/2 x 4 1/8
3900
500C392T350CD2B
34.0
11.60
2 1/2 x 4 5/8
9800
500C982T300DF2B
18.0
18.90
3 x 5 5/8
4500
500C452T350CE2B
29.6
12.80
2 1/2 x 5 1/8
10000
500C103T300DP2B
17.0
19.70
3 x 5 7/8
4600
500C462T350DC2B
34.7
12.30
3 x 4 1/8
10000
500C103T300FD2D
18.2
19.40
3 1/2 x 4 5/8
5100
500C512T350CF2B
26.2
14.10
2 1/2 x 5 5/8
12000
500C123T300FE2D
16.0
21.30
3 1/2 x 5 1/8
5400
500C542T350DD2B
29.6
13.90
3 x 4 5/8
13000
500C133T300FF2D
14.3
23.20
3 1/2 x 5 5/8
6200
500C622T350DE2B
25.8
15.30
3 x 5 1/8
14000
500C143T300FP2D
13.5
24.20
3 1/2 x 5 7/8
6400
500C642T350FC2D
29.9
14.60
3 1/2 x 4 1/8
15000
500C153T300DN2B
13.2
24.90
3 x 7 5/8
7000
500C702T350DF2B
22.9
16.70
3 x 5 5/8
17000
500C173T300DG2B
10.8
27.90
3 x 8 5/8
7500
500C752T350DP2B
21.7
17.40
3 x 5 7/8
19000
500C193T300FN2D
11.0
29.50
3 1/2 x 7 5/8
7500
500C752T350FD2D
25.7
16.30
3 1/2 x 4 5/8
22000
500C223T300FG2D
9.3
32.60
3 1/2 x 8 5/8
8700
500C872T350FE2D
22.5
18.00
3 1/2 x 5 1/8
350 Vdc (400 Vdc Surge)
9800
500C982T350FF2D
20.0
19.60
3 1/2 x 5 5/8
200
500C201T350AK2B
605.0
1.30
1 3/8 x 1 5/8
10000
500C103T350DN2B
17.1
21.80
3 x 7 5/8
320
500C321T350AA2B
379.0
1.80
1 3/8 x 2 1/8
10000
500C103T350FP2D
18.9
20.40
3 1/2 x 5 7/8
470
500C471T350AH2B
253.0
2.40
1 3/8 x 2 5/8
12000
500C123T350DG2B
14.2
24.30
3 x 8 5/8
630
500C631T350AB2B
190.0
3.00
1 3/8 x 3 1/8
15000
500C153T350FN2D
14.9
25.40
3 1/2 x 7 5/8
720
500C721T350EA2B
177.0
3.10
1 3/4 x 2 1/8
17000
500C173T350FG2D
12.4
28.30
3 1/2 x 8 5/8


Similar Part No. - 500C254U6R3CH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C254U6R3CH2B CDE-500C254U6R3CH2B Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
500C254U6R3CH2B CDE-500C254U6R3CH2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C254U6R3CH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
United Chemi-Con, Inc.
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA451LGC CHEMI-CON-ELXA451LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com