Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550753U016AC2B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 550753U016AC2B
Description  High Ripple, Long Life, Computer Grade
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550753U016AC2B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  550753U016AC2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550753U016AC2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550753U016AC2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550753U016AC2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550753U016AC2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550753U016AC2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550753U016AC2B Datasheet HTML 7Page - Cornell Dubilier Electronics 550753U016AC2B Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 550 105 °C High Ripple, Long-life, Inverter Grade, Aluminum
High Ripple, Long Life, Computer Grade
High Value, High Ripple Current
Type 550 is the original Inverter Grade capacitor for continuous
operation at up to 105 °C and it now is available in low voltages too.
For best value its load life test is 2000 hours instead of the 5000
hours of the Type 550C. While less than half the life capability of
the Type 550C, it is lower cost and easily lasts more than 10 years
in typical industrial applications.
Highlights
2,000 hour load life
Ripple current to >50 amps
ESRs to 2.5 m
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
DCLeakage Current:
Ripple Current Multipliers:
–40 °C to +105 °C
6.3 to 450 Vdc
90 µF to 1.5 F
Vdc ≤ 150 V: –10 +75%, Vdc > 150 V: –10 +50%
≤3√CV µA (4 mA max.)
Load Life:
Shelf Life:
Vibration:
2,000 h at full load @ 105 °C
500 h @ 105 °C, Capacitance, ESR and DCL, initial
requirements.
0 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2 axis
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz
@ up
1⅜ and 2 inch diameter
≤ 50 V
0.77
0.85
1.00
1.05
1.08
1.08
1.08
51–299 V
0.75
0.83
1.00
1.15
1.20
1.20
1.20
≥300 V
0.72
0.80
1.00
1.30
1.40
1.40
1.40
2½ and 3 inch diameter
≤ 50 V
0.81
0.90
1.00
1.02
1.02
1.02
1.02
51–299 V
0.81
0.90
1.00
1.07
1.07
1.07
1.07
≥300 V
0.72
0.80
1.00
1.25
1.35
1.35
1.35
45 °C
55 °C
65 °C
75 °C
85 °C
95 ºC
105 ºC
1.73
1.58
1.41
1.22
1.00
0.71
0.57
Ambient Temperature
Frequency
RoHS Compliant
click here to see hardware and mounting options


Similar Part No. - 550753U016AC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550753U016AC2B CDE-550753U016AC2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
More results

Similar Description - 550753U016AC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
United Chemi-Con, Inc.
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com