Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550114U016AF2B Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 550114U016AF2B
Description  High Ripple, Long Life, Computer Grade
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550114U016AF2B Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  550114U016AF2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 7Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 550 105 °C High Ripple, Long-life, Inverter Grade, Aluminum
Typical Performance Curves
Ratings
ESR Max
@ 25°C
Ripple Current
Max @ 85°C
Nominal
Size
ESR Max
@ 25°C
Ripple Current
Max @ 85°C
Nominal
Size
Cap.
(µF)
Cap.
(µF)
Catalog
Part Number
120Hz 20kHz 120Hz 20kHz
D x L
Catalog
Part Number
120Hz 20kHz 120Hz 20kHz
D x L
(mΩ) (mΩ)
(A)
(A)
(in.)
(mΩ) (mΩ)
(A)
(A)
(in.)
6.3 Vdc (8 Vdc Surge)
380,000
550384U016DC2D 4.6
3.6
37.4
42.4
3 X 4 ⅛
28,000 550283U6R3AK2B 49.5 33.5
5.0
6.0
1 ⅜ X 1 ⅝
390,000
550394U016CF2D 3.6
2.6
42.4
50.1 2 ½ X 5 ⅝
47,000 550473U6R3AA2B 30.1 20.6
7.0
8.5
1 ⅜ X 2 ⅛
510,000
550514U016DE2D 3.6
2.9
45.2
50.0
3 X 5 ⅛
66,000 550663U6R3AH2B 21.9 15.1
8.9
10.7 1 ⅜ X 2 ⅝
570,000
550574U016DF2D 3.3
2.6
49.0
50.0
3 X 5 ⅝
85,000 550853U6R3AB2B 17.4 12.1
10.7
12.9 1 ⅜ X 3 ⅛
600,000
550604U016DP2D 3.2
2.5
50.0
50.0
3 X 5 ⅞
120,000 550124U6R3AC2B 12.7
9.0
14.1
16.7 1 ⅜ X 4 ⅛
920,000
550924U016DG2D 3.1
2.5
50.0
50.0
3 X 8 ⅝
170,000 550174U6R3BB2B 9.8
7.2
17.8
20.8
2 X 3 ⅛
25 Vdc (30 Vdc Surge)
180,000
550184U6R3AF2B 9.6
7.1
18.5
21.6 1 ⅜ X 5 ⅝
9,900
550992U025AK2B 63.8 34.0
4.4
6.0
1 ⅜ X 1 ⅝
260,000 550264U6R3BC2B 6.9
5.2
23.6
27.3
2 X 4 ⅛
16,000
550163U025AA2B 38.7 20.8
6.2
8.4
1 ⅜ X 2 ⅛
390,000 550394U6R3BF2D 5.1
3.9
30.8
35.1
2 X 5 ⅝
23,000
550233U025AH2B 28.1 15.3
7.8
10.6 1 ⅜ X 2 ⅝
430,000 550434U6R3CC2D 4.6
3.5
33.2
37.8 2 ½ X 4 ⅛
30,000
550303U025AB2B 22.2 12.3
9.5
12.8 1 ⅜ X 3 ⅛
610,000 550614U6R3DC2D 4.3
3.6
38.8
42.4
3 X 4 ⅛
43,000
550433U025AC2B 16.0
9.1
12.6
16.6 1 ⅜ X 4 ⅛
640,000 550644U6R3CF2D 3.3
2.6
44.4
50.1 2 ½ X 5 ⅝
60,000
550603U025BB2B 12.2
7.3
16.0
20.7
2 X 3 ⅛
810,000 550814U6R3DE2D 3.4
2.9
46.8
50.0
3 X 5 ⅛
62,000
550623U025AF2B 11.8
7.1
16.7
21.5 1 ⅜ X 5 ⅝
910,000 550914U6R3DF2D 3.1
2.6
50.0
50.0
3 X 5 ⅝
90,000
550903U025BC2B 8.5
5.2
21.3
27.1
2 X 4 ⅛
960,000 550964U6R3DP2D 3.0
2.5
50.0
50.0
3 X 5 ¾
140,000
550144U025BF2B 6.1
3.9
28.0
34.9
2 X 5 ⅝
1,500,000 550155U6R3DG2D 2.9
2.5
50.0
50.0
3 X 8 ⅝
150,000
550154U025CC2D 5.5
3.6
30.2
37.7 2 ½ X 4 ⅛
16 Vdc (20 Vdc Surge)
220,000
550224U025CF2D 3.9
2.6
40.7
49.9 2 ½ X 5 ⅝
17,000
550173U016AK2B 56.6 33.5
4.6
6.0
1 ⅜ X 1 ⅝
220,000
550224U025DC2D 5.0
3.6
36.2
42.3
3 X 4 ⅛
29,000
550293U016AA2B 34.4 20.6
6.5
8.5
1 ⅜ X 2 ⅛
290,000
550294U025DE2D 3.9
2.9
43.8
50.0
3 X 5 ⅛
41,000
550413U016AH2B 25.0 15.1
8.3
10.7 1 ⅜ X 2 ⅝
320,000
550324U025DF2D 3.5
2.7
47.5
50.0
3 X 5 ⅝
52,000
550523U016AB2B 19.8 12.1
10.0
12.9 1 ⅜ X 3 ⅛
340,000
550344U025DP2D 3.4
2.6
50.0
50.0
3 X 5 ⅞
75,000
550753U016AC2B 14.4
9.0
13.3
16.7 1 ⅜ X 4 ⅛
520,000
550524U025DG2D 3.3
2.5
50.0
50.0
3 X 8 ⅝
110,000
550114U016AF2B 10.7
7.1
17.5
21.6 1 ⅜ X 5 ⅝
50 Vdc (65 Vdc Surge )
110,000
550114U016BB2B 11.0
7.2
16.8
20.8
2 X 3 ⅛
4,000
550402U050AK2B 85.2 34.6
3.8
5.9
1 ⅜ X 1 ⅝
160,000
550164U016BC2B 7.7
5.2
22.3
27.3
2 X 4 ⅛
6,700
550672U050AA2B 51.6 21.2
5.3
8.3
1 ⅜ X 2 ⅛
240,000
550244U016BF2B 5.6
3.9
29.3
35.1
2 X 5 ⅝
9,400
550942U050AH2B 37.2 15.5
6.8
10.5 1 ⅜ X 2 ⅝
260,000 550264U016CC2D 5.1
3.5
31.6
37.8 2 ½ X 4 ⅛
12,000
550123U050AB2B 29.3 12.5
8.3
12.7 1 ⅜ X 3 ⅛


Similar Part No. - 550114U016AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550114U016AF2B CDE-550114U016AF2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
More results

Similar Description - 550114U016AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
United Chemi-Con, Inc.
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com