Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGR273U030V5L Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CGR273U030V5L
Description  105 쨘C High Temp Screw Terminal Aluminum Electrolytic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGR273U030V5L Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CGR273U030V5L Datasheet HTML 1Page - Cornell Dubilier Electronics CGR273U030V5L Datasheet HTML 2Page - Cornell Dubilier Electronics CGR273U030V5L Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia. Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
16 WVdc ( 20 Vdc Surge )
14,000 CGR143U016R3C
0.0119
12.9
1.375
3.125
16,000 CGR163U016U2L
0.0173
11.6
1.750
2.625
20,000 CGR203U016R4C
0.0084
17.2
1.375
4.125
30,000 CGR303U016V3C
0.0098
17.8
2.000
3.125
42,000 CGR423U016V4C
0.0075
22.7
2.000
4.125
51,000 CGR513U016W3C 0.0085
22.0
2.500
3.125
20 WVdc ( 30 Vdc Surge )
4,600 CGR462U020R2C
0.022
8.1
1.375
2.125
10,000 CGR103U020R3L
0.011
14.6
1.375
3.625
21,000 CGR213U020V3L
0.009
19.7
2.000
3.625
30 WVdc ( 45 Vdc Surge )
2,200 CGR222U030R1N
0.035
5.9
1.375
1.875
4,900 CGR492U030U2C
0.025
10.3
1.750
2.125
7,400 CGR742U030R3L
0.011
14.6
1.375
3.625
10,000 CGR103U030R4L
0.008
18.9
1.375
4.625
12,000 CGR123U030V3C
0.010
17.8
2.000
3.125
15,000 CGR153U030V3L
0.009
19.7
2.000
3.625
27,000 CGR273U030V5L
0.005
30.0
2.000
5.625
30,000 CGR303U030W4C
0.006
29.1
2.500
4.125
40 WVdc ( 60 Vdc Surge )
2,100 CGR212U040R2C
0.025
7.7
1.375
2.125
3,900 CGR392U040R3C
0.013
12.2
1.375
3.125
5,600 CGR562U040R4C
0.009
16.6
1.375
4.125
7,400 CGR742U040R5C
0.010
12.3
1.375
5.125
9,600 CGR962U040V3L
0.009
19.7
2.000
3.625
13,000 CGR133U040V4L
0.007
25.0
2.000
4.625
22,000 CGR223U040W4L
0.006
30.0
2.500
4.625
31,000 CGR313U040X4L
0.005
30.0
3.000
4.625
Typical Max Ripple
Catalog
Max ESR 120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia. Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
50 WVdc ( 75 Vdc Surge )
1,000 CGR102U050R1N
0.1001
3.5
1.375
1.875
1,500 CGR152U050R2C
0.0672
4.7
1.375
2.125
2,900 CGR292U050R3C
0.0357
7.4
1.375
3.125
4,100 CGR412U050R4C
0.0180
8.3
1.375
4.125
6,200 CGR622U050R5L
0.0168
14.0
1.375
5.625
7,600 CGR762U050V3C
0.0165
13.7
2.000
3.125
10,000 CGR103U050V4C
0.0113
18.5
2.000
4.125
16,000 CGR163U050V5L
0.0085
24.2
2.000
5.625
21,000 CGR213U050W4L
0.0077
26.8
2.500
4.625
27,000 CGR273U050W5L
0.0060
30.0
2.500
5.625
37,000 CGR373U050X5L
0.0051
30.0
3.000
5.625
75 WVdc ( 100 Vdc Surge )
1,200 CGR122T075R2L
0.0497
5.9
1.375
2.625
1,800 CGR182T075R3L
0.0329
8.2
1.375
3.625
2,000 CGR202U075R3C
0.0220
6.7
1.375
3.125
2,200 CGR222T075R4C
0.0200
7.9
1.375
4.125
3,100 CGR312T075V2L
0.0350
11.0
2.000
2.625
4,100 CGR412T075U4C
0.0140
10.9
1.750
4.125
4,700 CGR472T075V3L
0.0150
15.2
2.000
3.625
7,500 CGR752U075V5L
0.0095
16.2
2.000
5.625
8,000 CGR802T075W3L
0.0085
16.4
2.500
3.625
9,600 CGR962T075W4C
0.0094
23.2
2.500
4.125
11,000 CGR113T075X3L
0.0102
23.8
3.000
3.625
19,000 CGR193T075X5L
0.0056
30.0
3.000
5.625
100 WVdc ( 135 Vdc Surge )
330 CGR331T100R2C
0.0940
2.8
1.375
2.125
2,700 CGR272T100V4L
0.0120
18.8
2.000
4.625
4,500 CGR452T100W4L
0.0094
24.3
2.500
4.625
8,000 CGR802T100X5L
0.0085
21.8
3.000
5.625
200 WVdc ( 250 Vdc Surge )
3,500 CGR352T200X4C
0.024
11.5
3
4.125
5,200 CGR522T200X5L
0.017
15.4
3
5.625
Type CGR 105 ºC High Temp Screw Terminal Aluminum Electrolytic


Similar Part No. - CGR273U030V5L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGR273U030V5L CDE-CGR273U030V5L Datasheet
231Kb / 2P
   105 ?C High Temp Screw Terminal Aluminum Electrolytic
More results

Similar Description - CGR273U030V5L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
HES601G350V2C CDE-HES601G350V2C Datasheet
198Kb / 2P
   Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR343U7R5U3C CDE-CGR343U7R5U3C Datasheet
231Kb / 2P
   105 ?C High Temp Screw Terminal Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
logo
RFE international
MGA332M2C-B075 RFE-MGA332M2C-B075 Datasheet
312Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS MGA Series: Large Can Screw Terminal, 105 째C
logo
Cornell Dubilier Electr...
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com