Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125413U12R5AB1B Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 125413U12R5AB1B
Description  Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

125413U12R5AB1B Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  125413U12R5AB1B Datasheet HTML 1Page - Cornell Dubilier Electronics 125413U12R5AB1B Datasheet HTML 2Page - Cornell Dubilier Electronics 125413U12R5AB1B Datasheet HTML 3Page - Cornell Dubilier Electronics 125413U12R5AB1B Datasheet HTML 4Page - Cornell Dubilier Electronics 125413U12R5AB1B Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Impedance vs. Frequency - 14,000 µF 7.5 Vdc
Frequency (Hz)
Frequency (Hz)
100
10k
100k
1000
1M
10M
100
1000
10K
100K
1M
10M
0.001
0.01
0.1
1.0
10
0.001
0.01
0.1
1.0
10
Impedance vs. Frequency - 5700 µF 40 Vdc
Type 125 Operating Life in Kilohours vs. Ripple Current
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
1
105 ºC
95 ºC
85 ºC
75 ºC
65 ºC
55 ºC
45 ºC
1.1 1.2 1.3 1.4 1.5
10
100
1000
Performance Curves
Type 125 –55 ºC to +125 ºC, Ultra-High Temperature, Military Grade
The Pace-Setter for Long Life and High Temperature


Similar Part No. - 125413U12R5AB1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
125413U12R5AB1B ETC2-125413U12R5AB1B Datasheet
277Kb / 4P
   The Pace-Setter for Long Life and High Temperature
logo
Cornell Dubilier Electr...
125413U12R5AB1B CDE-125413U12R5AB1B Datasheet
277Kb / 4P
   Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125413U12R5AB1B CDE-125413U12R5AB1B Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 125413U12R5AB1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125253U005AK1B CDE-125253U005AK1B Datasheet
277Kb / 4P
   Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
logo
Amphenol Corporation
LTR-90 AMPHENOL-LTR-90 Datasheet
92Kb / 4P
   ??5 쨘C to 140 쨘C Ultra-Cool Dry Block Calibrator
logo
Epson ToYoCom
TG-5510CA EPSONTOYOCOM-TG-5510CA Datasheet
392Kb / 1P
   TCXO HIGH STABILITY 105 쨘C HIGH TEMPERATURE
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
198Kb / 2P
   Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR143U016R3C CDE-CGR143U016R3C Datasheet
832Kb / 3P
   105 쨘C High Temp Screw Terminal Aluminum Electrolytic
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
Sensitron
SHD106223 SENSITRON-SHD106223_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175 쨘C Operating Temperature
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com