Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C704U7R5DD2D Datasheet(PDF) 11 Page - Cornell Dubilier Electronics

Part # 101C704U7R5DD2D
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C704U7R5DD2D Datasheet(HTML) 11 Page - Cornell Dubilier Electronics

Back Button 101C704U7R5DD2D Datasheet HTML 4Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 5Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 6Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 7Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 8Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 9Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 10Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 11Page - Cornell Dubilier Electronics 101C704U7R5DD2D Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Capacitance vs Frequency and Temperature 2000 µF 250 V
55 ºC
–40 ºC
–20 ºC
0 ºC
65 ºC
85 ºC
25 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
Frequency (Hz)
Impedance vs Frequency and Temperature 2000 µF 250 V
55 ºC
40 ºC
–20 ºC
0 ºC
25 ºC
65 C
85 ºC
0.1
1
10
100
10
100
1000
10000
100000
Frequency (Hz)
ESR vs Frequency and Temperature 2000 µF 250 V
–55 ºC
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type 101C Operating Life in Kilohours vs Ripple Current
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 C
105 ºC


Similar Part No. - 101C704U7R5DD2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C704U7R5DD2D ETC2-101C704U7R5DD2D Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C704U7R5DD2D CDE-101C704U7R5DD2D Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C704U7R5DD2D CDE-101C704U7R5DD2D Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C704U7R5DD2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com