Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMC314U6R3BC2B Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # DCMC314U6R3BC2B
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC314U6R3BC2B Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

Back Button DCMC314U6R3BC2B Datasheet HTML 3Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 9Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 10Page - Cornell Dubilier Electronics DCMC314U6R3BC2B Datasheet HTML 11Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
350000 DCMC354U050DN2D
4.5
37.5
3 x 7 5/8
210000 DCMC214U063FP2D
6.8
29.4
3 1/2 x 5 7/8
390000 DCMC394U050DG2D
4.1
38.6
3 x 8 5/8
230000 DCMC234U063DN2D
6.5
31.2
3 x 7 5/8
450000 DCMC454U050FN2D
4.2
41.3
3 1/2 x 7 5/8
250000 DCMC254U063DG2D
5.7
32.6
3 x 8 5/8
520000 DCMC524U050FG2D
3.8
44.9
3 1/2 x 8 5/8
300000 DCMC304U063FN2D
5.8
35.3
3 1/2 x 7 5/8
63 Vdc (75 Vdc Surge)
350000 DCMC354U063FG2D
5.2
38.5
3 1/2 x 8 5/8
4100 DCMC412U063AK2B
60.6
3.6
1 3/8 x 1 5/8
75 Vdc (95 Vdc Surge)
7000 DCMC702U063AA2B
39.0
5.0
1 3/8 x 2 1/8
3200 DCMC322U075AK2B
76.2
3.2
1 3/8 x 1 5/8
8300 DCMC832U063AH2B
32.7
5.9
1 3/8 x 2 5/8
5300 DCMC532U075AA2B
50.7
4.4
1 3/8 x 2 1/8
12000 DCMC123U063AB2B
28.6
6.8
1 3/8 x 3 1/8
6400 DCMC642U075AH2B
41.7
5.2
1 3/8 x 2 5/8
13000 DCMC133U063EA2B
27.9
7.2
1 3/4 x 2 1/8
9000 DCMC902U075AB2B
38.6
5.8
1 3/8 x 3 1/8
15000 DCMC153U063AJ2B
26.1
7.8
1 3/8 x 3 5/8
9900 DCMC992U075EA2B
55.6
5.1
1 3/4 x 2 1/8
15000 DCMC153U063EH2B
25.6
8.2
1 3/4 x 2 5/8
12000 DCMC123U075AJ2B
34.3
6.8
1 3/8 x 3 5/8
15000 DCMC153U063BA2B
28.0
8.2
2 x 2 1/8
12000 DCMC123U075EH2B
47.3
6.1
1 3/4 x 2 5/8
18000 DCMC183U063AC2B
22.0
9.6
1 3/8 x 4 1/8
12000 DCMC123U075BA2B
34.8
7.4
2 x 2 1/8
18000 DCMC183U063BH2B
22.6
7.7
2 x 2 5/8
14000 DCMC143U075AC2B
30.5
8.1
1 3/8 x 4 1/8
21000 DCMC213U063AD2B
19.3
8.9
1 3/8 x 4 5/8
14000 DCMC143U075BH2B
27.5
6.9
2 x 2 5/8
21000 DCMC213U063EB2B
19.5
9.4
1 3/4 x 3 1/8
16000 DCMC163U075EB2B
34.1
6.7
1 3/4 x 3 1/8
25000 DCMC253U063AE2B
17.3
10.6
1 3/8 x 5 1/8
17000 DCMC173U075AD2B
26.2
8.2
1 3/8 x 4 5/8
25000 DCMC253U063BB2B
18.1
10.8
2 x 3 1/8
19000 DCMC193U075AE2B
23.8
9.0
1 3/8 x 5 1/8
27000 DCMC273U063EJ2B
16.2
11.9
1 3/4 x 3 5/8
19000 DCMC193U075BB2B
21.4
10.0
2 x 3 1/8
28000 DCMC283U063AF2B
15.8
12.5
1 3/8 x 5 5/8
21000 DCMC213U075EJ2B
26.9
9.3
1 3/4 x 3 5/8
29000 DCMC293U063CH2B
26.8
9.9
2 1/2 x 2 5/8
22000 DCMC223U075AF2B
21.4
10.8
1 3/8 x 5 5/8
32000 DCMC323U063BJ2B
15.1
10.2
2 x 3 5/8
23000 DCMC233U075CH2B
30.0
9.4
2 1/2 x 2 5/8
33000 DCMC333U063EC2B
14.2
11.3
1 3/4 x 4 1/8
25000 DCMC253U075BJ2B
18.0
9.3
2 x 3 5/8
39000 DCMC393U063ED2B
12.8
12.7
1 3/4 x 4 5/8
26000 DCMC263U075EC2B
22.3
9.0
1 3/4 x 4 1/8
39000 DCMC393U063BC2B
13.3
13.1
2 x 4 1/8
30000 DCMC303U075ED2B
19.2
10.4
1 3/4 x 4 5/8
41000 DCMC413U063CB2B
19.3
11.4
2 1/2 x 3 1/8
30000 DCMC303U075BC2B
15.6
12.1
2 x 4 1/8
45000 DCMC453U063EE2B
11.8
15.1
1 3/4 x 5 1/8
32000 DCMC323U075CB2B
21.6
10.7
2 1/2 x 3 1/8
46000 DCMC463U063BD2B
12.1
15.5
2 x 4 5/8
35000 DCMC353U075EE2B
16.9
12.6
1 3/4 x 5 1/8
51000 DCMC513U063EF2B
11.2
16.6
1 3/4 x 5 5/8
35000 DCMC353U075BD2B
13.9
14.4
2 x 4 5/8
52000 DCMC523U063CJ2B
17.1
11.8
2 1/2 x 3 5/8
40000 DCMC403U075EF2B
15.2
14.3
1 3/4 x 5 5/8
53000 DCMC533U063BE2B
11.3
15.5
2 x 5 1/8
41000 DCMC413U075BE2B
12.8
13.7
2 x 5 1/8
60000 DCMC603U063BF2B
10.7
16.7
2 x 5 5/8
41000 DCMC413U075CJ2B
17.8
12.3
2 1/2 x 3 5/8
61000 DCMC613U063DB2B
14.9
14.8
3 x 3 1/8
46000 DCMC463U075BF2B
12.0
15.8
2 x 5 5/8
64000 DCMC643U063CC2B
13.7
16.0
2 1/2 x 4 1/8
47000 DCMC473U075DB2B
18.0
13.4
3 x 3 1/8
76000 DCMC763U063CD2B
11.8
17.8
2 1/2 x 4 5/8
50000 DCMC503U075CC2B
15.1
15.2
2 1/2 x 4 1/8
78000 DCMC783U063DJ2B
12.1
18.1
3 x 3 5/8
59000 DCMC593U075CD2B
13.5
16.7
2 1/2 x 4 5/8
87000 DCMC873U063CE2B
11.0
17.6
2 1/2 x 5 1/8
61000 DCMC613U075DJ2B
14.4
16.6
3 x 3 5/8
95000 DCMC953U063DC2B
10.8
18.6
3 x 4 1/8
68000 DCMC683U075CE2B
12.0
16.8
2 1/2 x 5 1/8
99000 DCMC993U063CF2B
10.5
19.7
2 1/2 x 5 5/8
74000 DCMC743U075DC2B
12.9
17.0
3 x 4 1/8
110000 DCMC114U063DD2B
9.9
21.0
3 x 4 5/8
77000 DCMC773U075CF2B
11.2
19.0
2 1/2 x 5 5/8
130000 DCMC134U063DE2B
8.8
23.0
3 x 5 1/8
88000 DCMC883U075DD2B
11.8
19.2
3 x 4 5/8
130000 DCMC134U063FC2D
9.9
22.3
3 1/2 x 4 1/8
100000 DCMC104U075DE2B
10.4
21.1
3 x 5 1/8
150000 DCMC154U063DF2B
7.9
25.3
3 x 5 5/8
100000 DCMC104U075FC2D
11.8
20.4
3 1/2 x 4 1/8
150000 DCMC154U063FD2D
9.0
26.8
3 1/2 x 4 5/8
110000 DCMC114U075DF2B
9.4
23.3
3 x 5 5/8
160000 DCMC164U063DP2B
7.5
25.5
3 x 5 7/8
120000 DCMC124U075DP2B
8.9
26.9
3 x 5 7/8
180000 DCMC184U063FE2D
7.9
25.7
3 1/2 x 5 1/8
120000 DCMC124U075FD2D
10.7
21.4
3 1/2 x 4 5/8
200000 DCMC204U063FF2D
7.2
28.0
3 1/2 x 5 5/8
140000 DCMC144U075FE2D
9.4
23.7
3 1/2 x 5 1/8


Similar Part No. - DCMC314U6R3BC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC314U6R3BC2B CDE-DCMC314U6R3BC2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC314U6R3BC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com