Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500R362M400CD2E Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 500R362M400CD2E
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R362M400CD2E Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  500R362M400CD2E Datasheet HTML 1Page - Cornell Dubilier Electronics 500R362M400CD2E Datasheet HTML 2Page - Cornell Dubilier Electronics 500R362M400CD2E Datasheet HTML 3Page - Cornell Dubilier Electronics 500R362M400CD2E Datasheet HTML 4Page - Cornell Dubilier Electronics 500R362M400CD2E Datasheet HTML 5Page - Cornell Dubilier Electronics 500R362M400CD2E Datasheet HTML 6Page - Cornell Dubilier Electronics 500R362M400CD2E Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
0.000
5.000
10.000
15.000
20.000
25.000
0.000
1000.000
2000.000
3000.000
4000.000
5000.000
6000.000
7000.000
8000.000
9000.000
10000.000
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10000
Life Test Hours
10,000 Hour Life Test 10,000 µF 450 V 85 ºC
Capacitance
ESR
DCL
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Type 500R Capacitance vs Temperature & Frequency 2700 µF 420 V
65 ºC
25 ºC
85 ºC
0ºC
–40 ºC
45 ºC
–20 ºC
–30 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
Frequency (Hz)
Type 500R ESR vs Temperature & Frequency 2700 µF 420 V
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
–30 ºC
0.01
0.1
1
10
10
100
1000
10000
100000
Frequency (Hz)
Type 500R Impedance vs Temperature and Frequency 2700 µF 420 V
–40 ºC
0 ºC
25 ºC
85 ºC
65 ºC
–20 ºC
45 ºC
–30 ºC
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 500R Impedance vs Temperature and Frequency 1400 µF 450 V
–40 ºC
0 ºC
25 ºC
85 ºC
65 ºC
–20 ºC
45 ºC
9.33 Ω at 25 C, 120 Hz
0.1
1
10
100
1000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 500R ESR vs Temperature & Frequency 1400 µF 450 V
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 500R Capacitance vs Temperature & Frequency 1400 µF 450 V
65 ºC
25 ºC
85 ºC
0 ºC
–40 ºC
45 ºC
–20 ºC
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type 500R Operating Life in Kilohours vs Ripple Current
45 ºC
55 ºC
65 ºC
75
ºC
85
ºC
95 ºC


Similar Part No. - 500R362M400CD2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R362M420CP2E CDE-500R362M420CP2E Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
More results

Similar Description - 500R362M400CD2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R CDE-500R_17 Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
logo
Panasonic Semiconductor
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
   Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com