Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX744ACWE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX744ACWE
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX744ACWE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX744ACWE Datasheet HTML 6Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 7Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 8Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 9Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 10Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 11Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 12Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 13Page - Maxim Integrated Products MAX744ACWE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
single 100µH (MAX7__AC) or 33µH (MAX7__AE/AM)
inductor. The inductor’s incremental saturation current
rating should be greater than 1A, and its DC resistance
should be less than 0.8
Ω. Table 2 lists inductor types
and suppliers for various applications. The surface-
mount inductors have nearly equivalent efficiencies to
the larger through-hole inductors.
Output Filter Capacitor Selection
The primary criterion for selecting the output filter
capacitor is low equivalent series resistance (ESR).
The product of the inductor current variation and the
output capacitor’s ESR determines the amplitude of the
sawtooth ripple seen on the output voltage. Also, mini-
mize the output filter capacitor’s ESR to maintain AC
stability. The capacitor’s ESR should be less than
0.25
Ω to keep the output ripple less than 50mVp-p over
the entire current range (using a 100µH inductor).
Capacitor ESR rises as the temperature falls, and
excessive ESR is the most likely cause of trouble at
temperatures below 0°C. Sanyo OS-CON series
through-hole and surface-mount tantalum capacitors
exhibit low ESR at temperatures below 0°C. Refer to
Table 2 for recommended capacitor values and sug-
gested capacitor suppliers.
Other Components
The catch diode should be a Schottky or high-speed
silicon rectifier with a peak current rating of at least
1.5A for full-load (750mA) operation. The 1N5817 is a
good choice. The 330pF outer-loop compensation
capacitor provides the widest input voltage range and
best transient characteristics. For low-current applica-
tions, the 510k
Ω resistor may be omitted (see the
Maximum Output Current vs. Supply Voltage graph (R1
removed) in the
Typical Operating Characteristics).
5V, Step-Down,
Current-Mode PWM DC-DC Converters
10
______________________________________________________________________________________
C1
0.1
µF
SS
REF
CC
OUT
C5
330pF
R1
510k
C6
0.01
µF
1M
±35%
GND
SS CLAMP
PWM
COMPARATOR
BIAS
GEN
SHDN
Σ
RAMP
GEN
SLOPE COMPENSATION
OVERCURRENT COMPARATOR
RSENSE
CURRENT
SENSE AMP
VIN = +6.0V TO +16.0V
C2
1
µF
V+
C3
*
VOUT =
+5V
C4
*
D1
1N5817
LX
VUVLO
UNDERVOLTAGE
LOCKOUT
OSC
F/F
S
RQ
1.23V
BANDGAP
ERROR AMP
*SEE TABLE 2 FOR COMPONENT VALUES AND SUPPLIERS
L1
MAX730A
MAX738A
MAX744A
Figure 1. Detailed Block Diagram with External Components


Similar Part No. - MAX744ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7440 MAXIM-MAX7440 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7440ESD MAXIM-MAX7440ESD Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7441 MAXIM-MAX7441 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7441ESD MAXIM-MAX7441ESD Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
More results

Similar Description - MAX744ACWE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
   3.3V Step down current mode PWM DC-DC converters
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
   Current-Mode PWM Step-Down DC-DC Convertor
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com