Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3199EG274M010APA1 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 3199EG274M010APA1
Description  Screw Terminal Capacitors for Power Output Filtering
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3199EG274M010APA1 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  3199EG274M010APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3199EG274M010APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3199EG274M010APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3199EG274M010APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3199EG274M010APA1 Datasheet HTML 5Page - Cornell Dubilier Electronics 3199EG274M010APA1 Datasheet HTML 6Page - Cornell Dubilier Electronics 3199EG274M010APA1 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
With twice the capacitance ofType 3191 capacitor,Type 3199
extends output filtering performance into higher power,
especially with cold temperature requirements. Standard
encasement is with the capacitor element compressed onto
an aluminum peg in the can bottom and a phenolic peg in
the top. Optional Rilled construction is available. With rilled
construction the element is secured by rills, spoon shaped
dimples in the side of the can. Rilled construction offers
the industries highest vibration and shock withstanding
capability and excellent heat transfer.
Specifications
Temperature Range
–55 ºC to +85 ºC
Rated Voltage Range
7.5 Vdc to 75 Vdc
Capacitance Range
3900 µF to 1.2 F
Capacitance Tolerance
–10% +30%
–10% +50%
Leakage Current
≤6√CV µA (6 mA max.) at 5 minutes
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 8 (16–50 Vdc)
≤ 4 (63–75Vdc)
Endurance Life Test
Endurance, 5000 h at rated voltage and 85 ºC
Δ Capacitance: ±10%
ESR ≤ 200% of limit
DCL ≤ 100% of limit
Shelf Life Test
Storage, 500 h at 85 ºC
Δ Capacitance: ±10%
ESR ≤ 175% of limit
DCL ≤ 200% of limit
Vibration
10 to 500 Hz, 0.75 mm or 10 g* if less, 3 directions, 2 h ea
Δ Capacitance: ±5%
no visible damage or leakage
*15 g if rilled construction
RoHS Compliant
45 °C
55 °C
65 °C
75 °C
85 °C
2.24
2.00
1.73
1.41
1.00
Frequency
60 Hz 120 Hz 300 Hz 1000 Hz
≥10
kHz
16 – 100 V
0.90
1.00
1.05
1.10
1.15
Ambient Temperature
Highlights
- Stud mount available
- High current application
- Industrial applications
- Smoothing and filtering
- Audio power supplies
Type 3199 Aluminum Electrolytic, Screw Terminals
Screw Terminal Capacitors for Power Output Filtering
click here to see hardware and mounting options


Similar Part No. - 3199EG274M010APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3199EG184M016APA1 CDE-3199EG184M016APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3199EG393M063APA1 CDE-3199EG393M063APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3199EG823M040APA1 CDE-3199EG823M040APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
More results

Similar Description - 3199EG274M010APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191 CDE-3191_17 Datasheet
117Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
3191BA103M016BPA1 CDE-3191BA103M016BPA1 Datasheet
81Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
logo
Vishay Siliconix
501PGM-ST VISHAY-501PGM-ST Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com