Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9675-100A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK9675-100A
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9675-100A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK9675-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 9Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 10Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 11Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NXP Semiconductors
BUK9675-100A
N-channel TrenchMOS logic level FET
BUK9675-100A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
18 August 2015
9 / 12
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT404
sot404_po
06-03-16
13-02-25
Unit
mm
max
nom
min
4.5
4.1
1.40
1.27
1.45
1.05
0.64
0.46
11
1.6
1.2
A
Dimensions (mm are the original dimensions)
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
A1
b
0.85
0.60
b2
c
D
D1
E
e
HD
Lp
Q
2.54
15.8
14.8
2.6
2.2
10.3
9.7
2.9
2.1
0
5 mm
scale
e
e
E
b
D1
HD
D
b2
Q
Lp
c
A1
A
1
3
2
mounting
base
Fig. 18. Package outline D2PAK (SOT404)


Similar Part No. - BUK9675-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9675-100A PHILIPS-BUK9675-100A Datasheet
82Kb / 9P
   TrenchMOS transistor Logic level FET
October 2000 - Rev 1.200
logo
Inchange Semiconductor ...
BUK9675-100A ISC-BUK9675-100A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9675-100A NEXPERIA-BUK9675-100A Datasheet
715Kb / 12P
   N-channel TrenchMOS logic level FET
18 August 2015
More results

Similar Description - BUK9675-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com