Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3199GH684M010APA1 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 3199GH684M010APA1
Description  Screw Terminal Capacitors for Power Output Filtering
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3199GH684M010APA1 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  3199GH684M010APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3199GH684M010APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3199GH684M010APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3199GH684M010APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3199GH684M010APA1 Datasheet HTML 5Page - Cornell Dubilier Electronics 3199GH684M010APA1 Datasheet HTML 6Page - Cornell Dubilier Electronics 3199GH684M010APA1 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ratings
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 3199 Aluminum Electrolytic, Screw Terminals
Screw Terminal Capacitors for Power Output Filtering
Cap
(µF)
Catalog
Part Number
ESR max
120 Hz 25 ºC
(mΩ)
Ripple max
120 Hz 85 ºC
compress(A) rilled(A)
Case Size
DxL
(in)
7.5 Vdc (9 Vdc Surge)
39000
3199BA393M7P5APA1
9.4
8.1
8.8
1.375x2.125
47000
3199BB473M7P5APA1
9.6
8.8
9.5
1.375x2.625
56000
3199BC563M7P5APA1
7.9
10.4
11.2
1.375x3.125
68000
3199BD683M7P5APA1
6.8
11.8
12.7
1.375x3.625
82000
3199BD823M7P5APA1
6.0
12.7
13.7
1.375x3.625
100000
3199BF104M7P5APA1
5.2
15.1
16.3
1.375x4.625
120000
3199BG124M7P5APA1
4.4
17.1
18.5
1.375x4.125
150000
3199DD154M7P5APA1
4.6
16.6
18.1
1.75x3.625
180000
3199DE184M7P5APA1
4.2
18.3
20.0
1.75x4.125
220000
3199DG224M7P5APA1
3.4
22.3
24.4
1.75x5.125
270000
3199EF274M7P5APA1
3.8
21.5
23.6
2.00x4.625
330000
3199EH334M7P5APA1
3.9
23.3
25.5
2.00x5.625
390000
3199FE394M7P5APA1
2.6
28.6
31.7
2.50x4.125
470000
3199FG474M7P5APA1
2.5
31.3
34.7
2.50x5.125
560000
3199FH564M7P5APA1
2.2
35.3
39.2
2.50x5.625
680000
3199GF684M7P5APA1
2.2
37.6
40.5
3.00x4.625
820000
3199GH824M7P5APA1
2.2
40.2
43.3
3.00x5.625
1200000
3199GN125M7P5APA1
1.9
46.4
50.0
3.00x8.625
10 Vdc (13 Vdc Surge)
33000
3199BA333M010APA1
9.6
8.1
8.8
1.375x2.125
39000
3199BB393M010APA1
8.4
9.4
10.2
1.375x2.625
47000
3199BC473M010APA1
7.5
10.3
11.1
1.375x3.125
56000
3199BC563M010APA1
6.9
11.1
12.0
1.375x3.125
68000
3199BD683M010APA1
6.1
12.6
13.6
1.375x3.625
82000
3199BE823M010APA1
5.5
4.7
5.1
1.375x4.125
100000
3199BG104M010APA1
4.5
17.1
18.5
1.375x5.125
120000
3199DD124M010APA1
4.6
16.5
18.0
1.75x3.625
150000
3199DE154M010APA1
4.2
18.2
19.9
1.75x4.125
180000
3199DG184M010APA1
3.8
12.0
13.1
1.75x5.125
220000
3199DH224M010APA1
3.2
23.8
26.0
1.75x5.625
270000
3199EG274M010APA1
3.6
23.2
25.4
2.00x5.125
330000
3199FE334M010APA1
2.6
28.5
31.6
2.50x4.125
390000
3199FF394M010APA1
2.4
30.9
34.3
2.50x4.625
470000
3199FH474M010APA1
2.4
33.3
37.0
2.50x5.625
560000
3199GF564M010APA1
2.2
37.5
40.4
3.00x4.625
680000
3199GH684M010APA1
2.2
40.1
43.2
3.00x5.625
1200000
3199GN125M010APA1
1.7
46.4
50.0
3.00x8.625
16 Vdc (20.8 Vdc Surge)
22000
3199BA223M016APA1
24.6
5.0
5.4
1.375x2.125
27000
3199BB273M016APA1
21.3
5.9
6.4
1.375x2.625
39000
3199BC393M016APA1
17.1
7.0
7.6
1.375x3.125
47000
3199BD473M016APA1
14.8
8.1
8.7
1.375x3.625
56000
3199BE563M016APA1
13.3
9.0
9.7
1.375x4.125
68000
3199BG683M016APA1
10.3
11.2
12.1
1.375x5.125
82000
3199BH823M016APA1
9.8
12.0
13.0
1.375x5.625
100000
3199DE104M016APA1
7.0
14.1
15.4
1.75x4.125
120000
3199DF124M016APA1
5.8
16.2
17.7
1.75x4.625
150000
3199DH154M016APA1
5.2
18.7
20.4
1.75x5.625
180000
3199EG184M016APA1
3.7
23.0
25.2
2.00x5.125


Similar Part No. - 3199GH684M010APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3199GH104M063APA1 CDE-3199GH104M063APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3199GH154M050APA1 CDE-3199GH154M050APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3199GH224M040APA1 CDE-3199GH224M040APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3199GH474M016APA1 CDE-3199GH474M016APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3199GH823M075APA1 CDE-3199GH823M075APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
More results

Similar Description - 3199GH684M010APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191 CDE-3191_17 Datasheet
117Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
3191BA103M016BPA1 CDE-3191BA103M016BPA1 Datasheet
81Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
logo
Vishay Siliconix
501PGM-ST VISHAY-501PGM-ST Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com