Electronic Components Datasheet Search |
|
520C163T250DN2B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
520C163T250DN2B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 7 page Temperature Range –40 °C to +85 °C Rated Voltage Range 200 Vdc to 500 Vdc Capacitance Range 84 µF to 39,000 µF Capacitance Tolerance –10% +50% Leakage Current ≤3 √CV µA, 5 mA max, 5 minutes Ripple Current Multipliers Ambient Temperature Low Temperature Characteristics Impedance ratio: Z –20⁰C ∕ Z+25⁰C ≤ 3 (200–500 Vdc) Endurance Life Test 8000 h at full load at 85 °C ∆ Capacitance ±20% ESR 200% of limit DCL 100% of limit Shelf Life Test 500 h at 85 °C Capacitance 100% of limit ESR 100% of limit DCL 100% of limit Vibration 10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2 axes RoHS Compliant 10 kHz & up 50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 1 3/8” & 1 3/4” Diameters 200 to 350 V 0.76 0.81 1.00 1.24 1.36 1.43 1.44 400 to 500 V 0.76 0.81 1.00 1.24 1.37 1.44 1.45 2” & 2 1/2” Diameters 200 to 350 V 0.78 0.83 1.00 1.20 1.29 1.34 1.35 400 to 500 V 0.77 0.82 1.00 1.22 1.33 1.39 1.40 3” & 3 1/2” Diameters 200 to 350 V 0.84 0.88 1.00 1.12 1.17 1.20 1.20 400 to 500 V 0.79 0.84 1.00 1.18 1.26 1.31 1.32 Type520Cisthe85°CversionoftheType550CInverter-Gradecapacitor. It delivers the ripple-current capability and exceptional life needed for motor-drive bus capacitors and approaches the performance of the 550C at lower cost. It is rated for 8000 h life with full ripple current, rated voltage, 85 °C and 100 lfm airflow while mounted horizontally. Horizontal mounting is more severe than vertical mounting. The extended cathode foil of the 520C assures heat flow from the capacitor element to the can in all orientations. Highlights - 8,000 hour load life - Ripple current to 55 amps - ESRs to 8 mΩ - Best value high ripple current - Thermal-Pak™ extended cathode construction Specifications Frequency 45 ºC 55 ºC 65 ºC 75 ºC 85 ºC 1.80 1.63 1.45 1.25 1.00 CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 Type 520C 85 °C Long Life, Inverter Grade, Aluminum High Ripple, Long Life Screw Terminal Type click here to see hardware and mounting options |
Similar Part No. - 520C163T250DN2B |
|
Similar Description - 520C163T250DN2B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |