Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMC704U6R3CE2D Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # DCMC704U6R3CE2D
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC704U6R3CE2D Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  DCMC704U6R3CE2D Datasheet HTML 1Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 2Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 3Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC704U6R3CE2D Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
6.3 Vdc (8 Vdc Surge)
2700000 DCMC275U6R3FG2D
2.4
56.5
3 1/2 x 8 5/8
28000 DCMC283U6R3AK2B
46.9
4.1
1 3/8 x 1 5/8
10 Vdc (12 Vdc Surge)
57000 DCMC573U6R3AA2B
26.5
6.1
1 3/8 x 2 1/8
24000 DCMC243U010AK2B
46.9
4.1
1 3/8 x 1 5/8
68000 DCMC683U6R3AH2B
18.8
7.8
1 3/8 x 2 5/8
44000 DCMC443U010AA2B
26.5
6.1
1 3/8 x 2 1/8
91000 DCMC913U6R3AB2B
14.7
9.4
1 3/8 x 3 1/8
57000 DCMC573U010AH2B
20.1
7.5
1 3/8 x 2 5/8
100000 DCMC104U6R3EA2B
18.8
8.8
1 3/4 x 2 1/8
76000 DCMC763U010AB2B
15.5
9.2
1 3/8 x 3 1/8
110000 DCMC114U6R3AJ2B
12.8
11.2
1 3/8 x 3 5/8
79000 DCMC793U010EA2B
18.8
8.8
1 3/4 x 2 1/8
120000 DCMC124U6R3EH2B
14.3
11.0
1 3/4 x 2 5/8
96000 DCMC963U010AJ2B
12.8
11.2
1 3/8 x 3 5/8
130000 DCMC134U6R3AC2B
11.0
13.0
1 3/8 x 4 1/8
100000 DCMC104U010EH2B
14.3
11.0
1 3/4 x 2 5/8
130000 DCMC134U6R3BA2B
14.2
11.9
2 x 2 1/8
100000 DCMC104U010BA2B
17.6
10.3
2 x 2 1/8
150000 DCMC154U6R3BH2B
9.9
11.6
2 x 2 5/8
110000 DCMC114U010AC2B
11.0
13.5
1 3/8 x 4 1/8
160000 DCMC164U6R3AD2B
9.8
12.5
1 3/8 x 4 5/8
130000 DCMC134U010AD2B
9.8
11.6
1 3/8 x 4 5/8
160000 DCMC164U6R3EB2B
11.0
12.6
1 3/4 x 3 1/8
140000 DCMC144U010EB2B
11.0
11.8
1 3/4 x 3 1/8
180000 DCMC184U6R3AE2B
8.9
14.7
1 3/8 x 5 1/8
140000 DCMC144U010BH2B
13.4
11.4
2 x 2 5/8
200000 DCMC204U6R3AF2B
8.3
16.0
1 3/8 x 5 5/8
150000 DCMC154U010AE2B
8.9
14.7
1 3/8 x 5 1/8
200000 DCMC204U6R3EJ2B
9.1
15.9
1 3/4 x 3 5/8
170000 DCMC174U010AF2B
8.3
16.0
1 3/8 x 5 5/8
210000 DCMC214U6R3BB2B
7.8
17.8
2 x 3 1/8
170000 DCMC174U010EJ2B
9.1
15.9
1 3/4 x 3 5/8
240000 DCMC244U6R3EC2B
7.9
18.3
1 3/4 x 4 1/8
180000 DCMC184U010BB2B
10.5
15.4
2 x 3 1/8
260000 DCMC264U6R3BJ2B
6.5
15.6
2 x 3 5/8
210000 DCMC214U010EC2B
7.9
18.3
1 3/4 x 4 1/8
260000 DCMC264U6R3CH2B
6.9
16.2
2 1/2 x 2 5/8
220000 DCMC224U010BJ2B
8.7
13.5
2 x 3 5/8
280000 DCMC284U6R3ED2B
7.0
17.1
1 3/4 x 4 5/8
220000 DCMC224U010CH2B
8.8
14.4
2 1/2 x 2 5/8
310000 DCMC314U6R3BC2B
5.6
20.2
2 x 4 1/8
240000 DCMC244U010ED2B
7.0
17.1
1 3/4 x 4 5/8
320000 DCMC324U6R3EE2B
6.4
19.7
1 3/4 x 5 1/8
270000 DCMC274U010BC2B
7.5
17.4
2 x 4 1/8
350000 DCMC354U6R3CB2B
5.3
22.6
2 1/2 x 3 1/8
280000 DCMC284U010EE2B
6.4
19.7
1 3/4 x 5 1/8
360000 DCMC364U6R3EF2B
6.0
22.0
1 3/4 x 5 5/8
290000 DCMC294U010CB2B
6.7
20.0
2 1/2 x 3 1/8
370000 DCMC374U6R3BD2B
5.0
24.9
2 x 4 5/8
310000 DCMC314U010EF2B
6.0
22.0
1 3/4 x 5 5/8
420000 DCMC424U6R3BE2B
4.5
23.0
2 x 5 1/8
310000 DCMC314U010BD2B
6.7
21.5
2 x 4 5/8
440000 DCMC444U6R3CJ2B
4.3
25.0
2 1/2 x 3 5/8
350000 DCMC354U010BE2B
6.1
19.8
2 x 5 1/8
470000 DCMC474U6R3BF2B
4.2
26.7
2 x 5 5/8
370000 DCMC374U010CJ2B
5.5
22.1
2 1/2 x 3 5/8
520000 DCMC524U6R3DB2B
4.1
28.3
3 x 3 1/8
400000 DCMC404U010BF2B
5.7
22.9
2 x 5 5/8
530000 DCMC534U6R3CC2D
3.8
30.4
2 1/2 x 4 1/8
430000 DCMC434U010DB2B
4.1
28.3
3 x 3 1/8
610000 DCMC614U6R3CD2D
3.4
33.4
2 1/2 x 4 5/8
440000 DCMC444U010CC2B
4.8
26.9
2 1/2 x 4 1/8
650000 DCMC654U6R3DJ2D
3.3
34.6
3 x 3 5/8
510000 DCMC514U010CD2B
4.3
29.5
2 1/2 x 4 5/8
700000 DCMC704U6R3CE2D
3.1
33.3
2 1/2 x 5 1/8
540000 DCMC544U010DJ2D
3.3
34.6
3 x 3 5/8
780000 DCMC784U6R3DC2D
2.9
35.7
3 x 4 1/8
590000 DCMC594U010CE2B
3.9
29.5
2 1/2 x 5 1/8
790000 DCMC794U6R3CF2D
2.8
37.9
2 1/2 x 5 5/8
640000 DCMC644U010DC2D
2.9
35.7
3 x 4 1/8
910000 DCMC914U6R3DD2D
2.6
41.0
3 x 4 5/8
660000 DCMC664U010CF2D
3.6
33.5
2 1/2 x 5 5/8
1000000 DCMC105U6R3DE2D
2.4
44.4
3 x 5 1/8
750000 DCMC754U010DD2D
2.6
41.0
3 x 4 5/8
1100000 DCMC115U6R3DF2D
2.4
45.0
3 x 5 5/8
860000 DCMC864U010DE2D
2.4
44.4
3 x 5 1/8
1100000 DCMC115U6R3FC2D
3.0
41.4
3 1/2 x 4 1/8
900000 DCMC904U010FC2D
2.9
41.6
3 1/2 x 4 1/8
1200000 DCMC125U6R3DP2D
2.4
51.5
3 x 5 7/8
940000 DCMC944U010DF2D
2.3
47.1
3 x 5 5/8
1200000 DCMC125U6R3FD2D
2.6
43.2
3 1/2 x 4 5/8
1000000 DCMC105U010DP2D
2.3
52.8
3 x 5 7/8
1400000 DCMC145U6R3FE2D
2.4
47.1
3 1/2 x 5 1/8
1000000 DCMC105U010FD2D
2.8
42.0
3 1/2 x 4 5/8
1600000 DCMC165U6R3DN2D
2.4
49.3
3 x 7 5/8
1200000 DCMC125U010FE2D
2.5
46.3
3 1/2 x 5 1/8
1600000 DCMC165U6R3FF2D
2.4
47.9
3 1/2 x 5 5/8
1300000 DCMC135U010FF2D
2.2
50.3
3 1/2 x 5 5/8
1700000 DCMC175U6R3FP2D
2.4
49.4
3 1/2 x 5 7/8
1400000 DCMC145U010DN2D
2.1
52.7
3 x 7 5/8
1900000 DCMC195U6R3DG2D
2.4
49.9
3 x 8 5/8
1400000 DCMC145U010FP2D
2.1
52.7
3 1/2 x 5 7/8
2300000 DCMC235U6R3FN2D
2.4
54.1
3 1/2 x 7 5/8
1600000 DCMC165U010DG2D
2.1
54.2
3 x 8 5/8


Similar Part No. - DCMC704U6R3CE2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC704U6R3CE2D CDE-DCMC704U6R3CE2D Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC704U6R3CE2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com