Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8842-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8842-EP
Description  DRV8842-EP DC Motor Driver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8842-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8842-EP_15 Datasheet HTML 2Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 3Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 4Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 5Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 6Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 7Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 8Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 9Page - Texas Instruments DRV8842-EP_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DRV8842-EP
SLVSCH4 – JULY 2014
www.ti.com
7.5 Electrical Characteristics
over recommended operating junction temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V, ƒPWM < 50 kHz
5
8
mA
IVMQ
VM sleep mode supply current
VM = 24 V
10
20
μA
VUVLO
VM undervoltage lockout voltage
VM rising
7.8
8.4
V
V3P3OUT REGULATOR
V3P3
V3P3OUT voltage
IOUT = 0 to 1 mA
3.1
3.3
3.5
V
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2.2
5.25
V
VHYS
Input hysteresis
0.3
0.45
0.65
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
33
100
μA
RPD
Internal pulldown resistance
100
k
Ω
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
DECAY INPUT
VIL
Input low threshold voltage
For slow decay (brake) mode
0
0.8
V
VIH
Input high threshold voltage
For fast decay (coast) mode
2
V
IIN
Input current
±40
μA
RPU
Internal pullup resistance (to 3.3 V)
130
k
Ω
RPD
Internal pulldown resistance
80
k
Ω
H-BRIDGE FETS
RDS(ON)
HS FET on resistance
VM = 24 V, IO = 1 A
0.13
0.17
Ω
RDS(ON)
LS FET on resistance
VM = 24 V, IO = 1 A
0.13
0.17
Ω
IOFF
Off-state leakage current
–79
96
μA
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
5
A
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
VREF input current
V(VREF) = 3.3 V
–3
3
μA
VTRIP
ISENSE trip voltage
V(VREF) = 3.3 V, 100% current setting
635
660
685
mV
V(VREF) = 3.3 V, 5% current setting
–25%
25%
V(VREF) = 3.3 V, 10% to 34% current setting
–15%
15%
Current trip accuracy
ΔITRIP
(relative to programmed value)
V(VREF) = 3.3 V, 38% to 67% current setting
–10%
10%
V(VREF) = 3.3 V, 71% to 100% current setting
–5%
5%
AISENSE
Current sense amplifier gain
Reference only
5
V/V
7.6 Motor Driver Timing Requirements
MIN
TYP
MAX
UNIT
ƒPWM
Internal current control PWM frequency
50
kHz
tBLANK
Current sense blanking time
3.75
μs
tR
Rise time
30
220
ns
tF
Fall time
30
220
ns
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV8842-EP


Similar Part No. - DRV8842-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
More results

Similar Description - DRV8842-EP_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com