Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3306 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CBT3306
Description  CBT3306_15
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3306 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CBT3306_15 Datasheet HTML 3Page - NXP Semiconductors CBT3306_15 Datasheet HTML 4Page - NXP Semiconductors CBT3306_15 Datasheet HTML 5Page - NXP Semiconductors CBT3306_15 Datasheet HTML 6Page - NXP Semiconductors CBT3306_15 Datasheet HTML 7Page - NXP Semiconductors CBT3306_15 Datasheet HTML 8Page - NXP Semiconductors CBT3306_15 Datasheet HTML 9Page - NXP Semiconductors CBT3306_15 Datasheet HTML 10Page - NXP Semiconductors CBT3306_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CBT3306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 1 May 2012
7 of 14
NXP Semiconductors
CBT3306
Dual bus switch
14. Package outline
Fig 9.
Package outline SOT96-1 (SO8)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03
MS-012
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.05
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
99-12-27
03-02-18


Similar Part No. - CBT3306_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
   Dual bus switch
logo
NXP Semiconductors
CBT3306D PHILIPS-CBT3306D Datasheet
74Kb / 8P
   Dual bus switch
2001 Nov 08
logo
Nexperia B.V. All right...
CBT3306D-Q100 NEXPERIA-CBT3306D-Q100 Datasheet
186Kb / 9P
   Dual bus switch
CBT3306GT NEXPERIA-CBT3306GT Datasheet
208Kb / 11P
   Dual bus switch
Rev. 9 - 18 March 2021
logo
NXP Semiconductors
CBT3306PW PHILIPS-CBT3306PW Datasheet
74Kb / 8P
   Dual bus switch
2001 Nov 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com