Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX742EPP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX742EPP
Description  Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX742EPP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX742EPP Datasheet HTML 2Page - Maxim Integrated Products MAX742EPP Datasheet HTML 3Page - Maxim Integrated Products MAX742EPP Datasheet HTML 4Page - Maxim Integrated Products MAX742EPP Datasheet HTML 5Page - Maxim Integrated Products MAX742EPP Datasheet HTML 6Page - Maxim Integrated Products MAX742EPP Datasheet HTML 7Page - Maxim Integrated Products MAX742EPP Datasheet HTML 8Page - Maxim Integrated Products MAX742EPP Datasheet HTML 9Page - Maxim Integrated Products MAX742EPP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Switch-Mode Regulator with
+5V to ±12V or ±15V Dual Output
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Inverting Compensation Capacitor
CC-
9
Inverting Section Feedback Input
FB-
10
Current-Sense Low (inverting section)
CSL-
11
Current-Sense High (inverting section)
CSH-
12
Supply Voltage Input (+5V)
V+
13
Selects oscillator frequency. Ground for 200kHz, or tie to V+ for 100kHz.
100/200
5
Selects VOUT. Ground for ±15V, or tie to V+ for ±12V.
12/15
6
Reference Voltage Output (+2.00V). Force to GND or V+ to disable chip.
VREF
7
Soft-Start Timing Capacitor (sources 5µA)
SS
8
Analog Supply Voltage Input (+5V)
AV+
4
Analog Ground
AGND
3
PIN
Step-Up Compensation Capacitor
CC+
2
Step-Up Feedback Input
FB+
1
FUNCTION
NAME
Charge-Pump Driver—clock output at 1/2 oscillator frequency.
PUMP
16
Push-Pull Output—drives external logic-level N-channel MOSFET.
EXT+
17
High-Current Ground
GND
18
Current-Sense Low (step-up section)
CSL+
19
Current-Sense High (step-up section)
CSH+
20
Push-Pull Output—drives external P-channel MOSFET.
EXT-
14
Voltage Input—negative supply for P-channel MOSFET driver.
PDRV
15
________________Operating Principle
Each current-mode controller consists of a summing
amplifier that adds three signals: the current waveform
from the power switch FET, an output-voltage error sig-
nal, and a ramp signal for AC compensation generated
by the oscillator. The output of the summing amplifier
resets a flip-flop, which in turn activates the power FET
driver stage (Figure 1).
Both external transistor switches are synchronized to
the oscillator and turn on simultaneously when the flip-
flop is set. The switches turn off individually when their
source currents reach a trip threshold determined by
the output-voltage error signal. This creates a duty-
cycle modulated pulse train at the oscillator frequency,
where the on time is proportional to both the output-
voltage error signal and the peak inductor current. Low
peak currents or high output-voltage error signals result
in a high duty cycle (up to 90% maximum).
AC stability is enhanced by the internal ramp signal
applied to the error amplifier. This scheme eliminates
regenerative “staircasing” of the inductor current, which
is otherwise a problem when in continuous current
mode with greater than 50% duty cycle.


Similar Part No. - MAX742EPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7420CUA MAXIM-MAX7420CUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
MAX7420EUA MAXIM-MAX7420EUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7421 MAXIM-MAX7421 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results

Similar Description - MAX742EPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
   3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
   Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
STMicroelectronics
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
   3.3V 5V 짹12V Housekeeping IC
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
   3.3V 5V 짹12V Housekeeping IC
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
   DUAL 5V REGULATOR WITH RESET
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
   DUAL 5V REGULATOR WITH RESET
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
   -5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com