Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2367TA2050 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2367TA2050
Description  5.5A HIGH POWER DC/DC CONVERTER CONTROLLER IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2367TA2050 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2367TA2050 Datasheet HTML 1Page - New Japan Radio NJM2367TA2050 Datasheet HTML 2Page - New Japan Radio NJM2367TA2050 Datasheet HTML 3Page - New Japan Radio NJM2367TA2050 Datasheet HTML 4Page - New Japan Radio NJM2367TA2050 Datasheet HTML 5Page - New Japan Radio NJM2367TA2050 Datasheet HTML 6Page - New Japan Radio NJM2367TA2050 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM2367
Ver 2.1
- 1 -
5.5A HIGH POWER DC/DC CONVERTER CONTROLLER IC
s
GENERAL DESCRIPTION
s
PACKAGE OUTLINE
s
FEATURES
q
Operating Voltage
(7.5V to 40V)
q
PWM form Switching Power Supply Control
q
Internal High Power Transistor
5.5A (min.)
q
Fixed Frequency Oscillator
72kHz (typ.)
q
Internal Current Sense Amplifier
q
Internal Under Voltage Lockout
q
Internal Thermal Shutdown Circuit
q
Bipolar Technology
q
Package Outline
TO-22O(5PIN)
s
BLOCK DIAGRAM
Oscillator
Thermal
Under Voltage
Standby Circuit
Error Amplifier
PWM Comparator
5.5A Power Transistor
Current Sense
Ratch Circuit
S Q
R
5
4
3
2
1
ON/OFF
Reference
VREF
VREF
Current Circh Transistor
Shutdown
Lockout
Voltage
Amplifier
The NJM2367 is a high power DC/DC converter controller
inducing basic function of DC/DC converter controller, which
consists precision reference voltage, fixed frequency
oscillator, high gain error amplifier, precision output switch,
cycle-by-cycle current limit, under voltage lockout, and
thermal shutdown circuit.
The NJM2367 is suitable for step-down converter with few
external parts, and realize low power stand-by mode.
PIN FUNCTION
1:VFB
2:SWOUT
3:GND
4:V
+
5:STBY (VCOMP)
1 2 3 4 5
NJM2367TA2050
NJM2367TLA2050


Similar Part No. - NJM2367TA2050

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
NJM2360A NJRC-NJM2360A Datasheet
174Kb / 3P
   HIGH PRECISION DC/DC CONVERTOR CONTROL IC
NJM2360AD NJRC-NJM2360AD Datasheet
174Kb / 3P
   HIGH PRECISION DC/DC CONVERTOR CONTROL IC
NJM2360AM NJRC-NJM2360AM Datasheet
174Kb / 3P
   HIGH PRECISION DC/DC CONVERTOR CONTROL IC
NJM2360D NJRC-NJM2360D Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
More results

Similar Description - NJM2367TA2050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5050V SANYO-LV5050V Datasheet
80Kb / 7P
   CMOS IC DC / DC Converter Controller
LV5050NV SANYO-LV5050NV Datasheet
104Kb / 7P
   Bi-CMOS IC DC / DC Converter Controller
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N_17 Datasheet
241Kb / 4P
   DC-DC Converter Power IC
MD1322F SHINDENGEN-MD1322F_17 Datasheet
238Kb / 4P
   DC-DC Converter Power IC
MD1421N SHINDENGEN-MD1421N_17 Datasheet
240Kb / 4P
   DC-DC Converter Power IC
MD3221R SHINDENGEN-MD3221R_17 Datasheet
240Kb / 4P
   DC-DC Converter Power IC
MD1423N SHINDENGEN-MD1423N_17 Datasheet
242Kb / 4P
   DC-DC Converter Power IC
MD1333N SHINDENGEN-MD1333N_17 Datasheet
242Kb / 3P
   DC-DC Converter Power IC
MD3222N SHINDENGEN-MD3222N_17 Datasheet
243Kb / 4P
   DC-DC Converter Power IC
MD3221N SHINDENGEN-MD3221N Datasheet
327Kb / 26P
   DC-DC Converter Power IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com