Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7427CPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7427CPA
Description  5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7427CPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7427CPA Datasheet HTML 4Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 5Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 6Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 7Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 8Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 9Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 10Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 11Page - Maxim Integrated Products MAX7427CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
5th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
10
______________________________________________________________________________________
Characteristics table for the input voltage range of COM
and OS. Changing the voltage on COM or OS signifi-
cantly from midsupply reduces the dynamic range.
Power Supplies
The MAX7426 operates from a single +5V supply, and
the MAX7427 operates from a single +3V supply.
Bypass VDD to GND with a 0.1µF capacitor. If dual
supplies are required, connect COM to the system
ground and GND to the negative supply. Figure 4
shows an example of dual-supply operation. Single-
supply and dual-supply performance are equivalent.
For either single-supply or dual-supply operation, drive
CLK and SHDN from GND (V- in dual-supply operation)
to VDD. Use the MAX7427 for ±2.5, and use the
MAX7426 for ±1.5V. For ±5V dual-supply applications,
refer to the MAX291/MAX292/MAX295/MAX296 and
MAX293/MAX294/MAX297 data sheets.
Input Signal Amplitude Range
The optimal input signal range is determined by observ-
ing the voltage level at which the signal-to-noise plus
distortion (SINAD) ratio is maximized for a given corner
frequency. The Typical Operating Characteristics show
the THD + Noise response as the input signal’s peak-to-
peak amplitude is varied.
Anti-Aliasing and Post-DAC Filtering
When using the MAX7426/MAX7427 for anti-aliasing or
post-DAC filtering, synchronize the DAC (or ADC) and
the filter clocks. If the clocks are not synchronized,
beat frequencies may alias into the desired passband.
Harmonic Distortion
Harmonic distortion arises from nonlinearities within the
filter. These nonlinearities generate harmonics when a
pure sine wave is applied to the filter input. Table 2 lists
typical harmonic distortion values with a 10k
Ω load at
TA = +25°C.
VDD
V+
V-
IN
CLK
GND
INPUT
OUTPUT
OUT
0.1
µF
CLOCK
*CONNECT SHDN TO V- FOR LOW-POWER SHUTDOWN MODE.
SHDN
COM
OS
0.1
µF
MAX7426
MAX7427
*
V+
V-
Figure 4. Dual-Supply Operation
Table 2. Typical Harmonic Distortion
FILTER
fIN
(Hz)
VIN
(Vp-p)
2nd
4th
fCLK
(kHz)
TYPICAL HARMONIC DISTORTION (dB)
3rd
5th
MAX7426
1k
200
4
500
100
-73
-71
-88
1k
-90
-92
MAX7427
200
2
500
100
-87
-90
-90
-90
-82
-86
-86
-87
-88
-90
-90
TRANSISTOR COUNT: 1457
PROCESS: BiCMOS
Chip Information


Similar Part No. - MAX7427CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
   Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
MAX7420CUA MAXIM-MAX7420CUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
MAX7420EUA MAXIM-MAX7420EUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results

Similar Description - MAX7427CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
   Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com