Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4053B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HEF4053B
Description  Triple single-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4053B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HEF4053B_15 Datasheet HTML 6Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 7Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 8Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 9Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 10Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 11Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 12Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 13Page - NXP Semiconductors HEF4053B_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HEF4053B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 11 — 11 September 2014
10 of 20
NXP Semiconductors
HEF4053B
Triple single-pole double-throw analog switch
[1]
For nYn to nZ or nZ to nYn propagation delays use VEE. For Sn to nYn or nZ propagation delays use VDD.
Test data is given in Table 10.
Definitions:
DUT = Device Under Test.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including test jig and probe.
RL = Load resistance.
Fig 15. Test circuit for measuring switching times
001aaj903
VI
VO
RT
CL
RL
S1
DUT
PULSE
GENERATOR
tW
VM
VI
VI
VDD
VDD
VSS
VEE
open
0 V
negative
pulse
VI
0 V
positive
pulse
10 %
90 %
90 %
10 %
VM
VM
VM
tW
tf
tf
tr
tr
Table 10.
Test data
Input
Load
S1 position
nYn, nZ
Sn and E
tr, tf
VM
CL
RL
tPHL[1]
tPLH
tPZH, tPHZ tPZL, tPLZ other
VDD or VEE VDD or VSS  20 ns
0.5VDD
50 pF
10 k
VDD or VEE VEE
VEE
VDD
VEE


Similar Part No. - HEF4053B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
More results

Similar Description - HEF4053B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com