Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7427EUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7427EUA
Description  5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7427EUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7427EUA Datasheet HTML 1Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 2Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 3Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 4Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 5Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 6Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 7Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 8Page - Maxim Integrated Products MAX7427EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
_______________________________________________________________________________________
3
5th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
ELECTRICAL CHARACTERISTICS—MAX7426 (continued)
(VDD = +5V, filter output measured at OUT, 10k
|| 50pF load to GND at OUT, SHDN = VDD, OS = COM, 0.1µF from COM to GND,
fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—MAX7427
(VDD = +3V, filter output measured at OUT pin, 10k
|| 50pF load to GND at OUT, SHDN = VDD, OS = COM, 0.1µF from COM to
GND, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
MIN
TYP
MAX
SYMBOL
PARAMETER
Measured at DC
SHDN = GND
Operating mode, no load
0.5
VSDL
SHDN Input Low
4.5
VSDH
SHDN Input High
70
PSRR
Power-Supply Rejection Ratio
0.2
1
ISHDN
Shutdown Current
0.8
1.0
Supply Current
IDD
4.5
5.5
VDD
Supply Voltage
V
V
dB
µA
mA
V
UNITS
SHDN Input Leakage Current
V SHDN = 0 to VDD
±0.2
±10
µA
VOS
Input Voltage Range at OS
90
130
RCOM
Input Resistance at COM
k
(Note 1)
TA = +25°C
Measured with respect to COM
OS to OUT
fIN = 200Hz, VIN = 2.5Vp-p,
measurement bandwidth = 22kHz
VIN = VCOM = VDD / 2
VCOM = VDD / 2 (Note 2)
CONDITIONS
50
500
CL
10
1
RL
Resistance Output Load Drive
3
Clock Feedthrough
±0.1
VDD
- 0.1
VDD
VDD
+ 0.1
2
2
2
VCOM
COM Voltage Range
100:1
fCLK/fC
Clock-to-Corner Ratio
0.001 to 12
fC
Corner-Frequency Range
+1
AOS
Offset Voltage Gain
-79
THD+N
Total Harmonic Distortion plus
Noise
10
Clock-to-Corner Tempco
0.25
VDD - 0.25
Output Voltage Range
±4
±25
VOFFSET
Output Offset Voltage
0
0.2
0.4
DC Insertion Gain with Output
Offset Removed
MIN
TYP
MAX
SYMBOL
PARAMETER
pF
k
mVp-p
V
V
V/V
dB
dB
mV
V
ppm/°C
kHz
UNITS
Maximum Capacitive Load
at OUT
Input Leakage Current at COM
SHDN = GND, VCOM = 0 to VDD
±0.2
±10
µA
Input Leakage Current at OS
VOS = 0 to VDD
±0.2
±10
µA
POWER REQUIREMENTS
SHUTDOWN
FILTER CHARACTERISTICS


Similar Part No. - MAX7427EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
   Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
MAX7420CUA MAXIM-MAX7420CUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
MAX7420EUA MAXIM-MAX7420EUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results

Similar Description - MAX7427EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
   Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com