Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7480ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7480ESA
Description  8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7480ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7480ESA Datasheet HTML 1Page - Maxim Integrated Products MAX7480ESA Datasheet HTML 2Page - Maxim Integrated Products MAX7480ESA Datasheet HTML 3Page - Maxim Integrated Products MAX7480ESA Datasheet HTML 4Page - Maxim Integrated Products MAX7480ESA Datasheet HTML 5Page - Maxim Integrated Products MAX7480ESA Datasheet HTML 6Page - Maxim Integrated Products MAX7480ESA Datasheet HTML 7Page - Maxim Integrated Products MAX7480ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8th-Order, Lowpass, Butterworth,
Switched-Capacitor Filter
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VDD = +5V, fCLK = 100kHz, SHDN = VDD, VCOM = VOS = VDD / 2, TA = +25°C, unless otherwise noted.)
0.97
1
0.99
0.98
1.01
1.02
1.03
-40
20
0
-20
40
60
80
100
NORMALIZED OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
COSC = 530pF
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
0
1.0 1.5 2.0
0.5
2.5 3.0 3.5 4.0 4.5 5.0
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
NO LOAD
(SEE TABLE A)
A
B
Table A. THD+N vs. Input Signal
Amplitude Test Conditions
22
22
MEASUREMENT
BANDWIDTH (kHz)
100
200
fCLK
(kHz)
1
200
B
2
400
A
fC
(kHz)
fIN
(Hz)
TRACE


Similar Part No. - MAX7480ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7481ETI++ MAXIM-MAX7481ETI+ Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7482 MAXIM-MAX7482 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7482ETI++ MAXIM-MAX7482ETI+ Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
More results

Similar Description - MAX7480ESA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
logo
National Semiconductor ...
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
   LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com