Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX748A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX748A
Description  3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX748A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX748A Datasheet HTML 1Page - Maxim Integrated Products MAX748A Datasheet HTML 2Page - Maxim Integrated Products MAX748A Datasheet HTML 3Page - Maxim Integrated Products MAX748A Datasheet HTML 4Page - Maxim Integrated Products MAX748A Datasheet HTML 5Page - Maxim Integrated Products MAX748A Datasheet HTML 6Page - Maxim Integrated Products MAX748A Datasheet HTML 7Page - Maxim Integrated Products MAX748A Datasheet HTML 8Page - Maxim Integrated Products MAX748A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3.3V, Step-Down,
Current-Mode PWM DC-DC Converters
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 3, TA = +25°C, VOUT = 3.3V, unless otherwise noted.)
MAX763A
QUIESCENT SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3 4
5
6
7
8
9 10 11 12
IOUT = 0mA
TA = +125°C
TA = -55°C
TA = +25°C
MAX748A
QUIESCENT SUPPLY CURRENT
vs. SUPPLY VOLTAGE
5.0
4.0
3.0
2.0
1.0
0
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
IOUT = OmA
TA = +125°C
TA = -55°C
TA = +25°C
PEAK INDUCTOR CURRENT
vs. OUTPUT CURRENT
0
200
400
600
800
1000
0 50 100 150 200 250 300 350 400 450 500 550
OUTPUT CURRENT (mA)
VIN = 11V
VIN = 6V
VIN = 8V
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
100
125
150
250
175
200
225
275
0
2
4
6
8
10121416
SUPPLY VOLTAGE (V)
MAX748A
MAX763A
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50 100 150 200 250 300 350 400 450 500
OUTPUT CURRENT (mA)
VIN = 4.0V
VIN = 3.0V
VIN = 3.5V
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-60 -40 -20
0
20
40 60
80 100 120 140
IOUT = 0mA
V+ = 5V
NOTES 3, 4
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
ILOAD = 200mA
ILOAD = 50mA
ILOAD = 300mA
ILOAD = 500mA
OSCILLATOR FREQUENCY
vs. TEMPERATURE
0
50
100
150
200
250
300
-60 -40 -20
0
20
40 60 80 100 120 140
TEMPERATURE (°C)
MAX748A
MAX763A
IOUT = 100mA
V+ = 5V


Similar Part No. - MAX748A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7480EPA MAXIM-MAX7480EPA Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7480ESA MAXIM-MAX7480ESA Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7481ETI++ MAXIM-MAX7481ETI+ Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
More results

Similar Description - MAX748A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
   3.3V Step down current mode PWM DC-DC converters
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
   5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
   Current-Mode PWM Step-Down DC-DC Convertor
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com