Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7412EUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7412EUA
Description  5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7412EUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7412EUA Datasheet HTML 1Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 2Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 3Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 4Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 5Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 6Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 7Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 8Page - Maxim Integrated Products MAX7412EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
ELLIPTIC FILTER (r = 1.25) CHARACTERISTICS—MAX7411/MAX7415
(VDD = +5V for MAX7411, VDD = +3V for MAX7415; filter output measured at OUT; 10kΩ || 50pF load to GND at OUT; SHDN = VDD,
VCOM = VOS = VDD / 2; fCLK = 100kHz; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
Note 1: The maximum fC is defined as the clock frequency fCLK = 100 · fC at which the peak SINAD drops to 68dB with a sinusoidal
input at 0.2fC.
Note 2: DC insertion gain is defined as
∆VOUT / ∆VIN.
Note 3: fOSC (kHz) ≈ 27 · 103 / COSC (COSC in pF).
Note 4: The input frequencies, fIN, are selected at the peaks and troughs of the ideal elliptic frequency responses.
fIN = 0.68fC
fIN = 0.38fC
fIN = 3.25fC
fIN = 1.43fC
fIN = 1.25fC
fIN = 0.87fC
fIN = 0.97fC
fIN = fC
CONDITIONS
-0.4
0.2
0.4
dB
-0.4
-0.2
0.4
Insertion Gain
with DC Gain Error Removed
(Note 4)
-37.2
-35
-37.2
-35
-38.5
-34
-0.4
-0.2
0.4
-0.4
0.2
0.4
-0.7
-0.2
0.2
UNITS
MIN
TYP
MAX
PARAMETER
-120
-100
-80
-20
0
-40
-60
20
0
1
2
3
4
5
MAX7408/MAX7412
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
r = 1.6
-120
-100
-80
-20
0
-40
-60
20
0
1
2
3
4
5
MAX7411/MAX7415
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
r = 1.25
-1.2
-1.0
-0.8
-0.2
0
-0.4
-0.6
0.2
0
204
408
612
816
1.02k
MAX7408/MAX7412
PASSBAND FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
r = 1.6
Typical Operating Characteristics
(VDD = +5V for MAX7408/MAX7411, VDD = +3V for MAX7412/MAX7415; fCLK = 100kHz; SHDN = VDD; VCOM = VOS = VDD / 2;
TA = +25°C; unless otherwise noted.)


Similar Part No. - MAX7412EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7412CUA++ MAXIM-MAX7412CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7412CUA++ MAXIM-MAX7412CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7412EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
   Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com