Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX749ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX749ESA
Description  Digitally Adjustable LCD Bias Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX749ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX749ESA Datasheet HTML 4Page - Maxim Integrated Products MAX749ESA Datasheet HTML 5Page - Maxim Integrated Products MAX749ESA Datasheet HTML 6Page - Maxim Integrated Products MAX749ESA Datasheet HTML 7Page - Maxim Integrated Products MAX749ESA Datasheet HTML 8Page - Maxim Integrated Products MAX749ESA Datasheet HTML 9Page - Maxim Integrated Products MAX749ESA Datasheet HTML 10Page - Maxim Integrated Products MAX749ESA Datasheet HTML 11Page - Maxim Integrated Products MAX749ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 9b. Maximum Output Current vs. Input Voltage,
VOUT = -12V
Figure 9c. Maximum Output Current vs. Input Voltage,
VOUT = -15V
Figure 9d. Maximum Output Current vs. Input Voltage,
VOUT = -24V
Figure 9e. Maximum Output Current vs. Input Voltage,
VOUT = -48V
Choosing an Inductor
Practical inductor values range from 22µH to 100µH,
and 47µH is normally a good choice. Inductors with a
ferrite core or equivalent are recommended. The induc-
tor’s saturation current rating – the current at which the
core begins to saturate and the inductance falls to 80%
or 90% of its nominal value – should ideally equal the
current limit (see
Current-Sense Resistor section).
However, because the current is limited by the
MAX749, the inductor can safely be driven into satura-
tion with only a slight impact on efficiency.
For highest efficiency, use a coil with low resistance,
preferably under 300m
Ω. To minimize radiated noise,
use a toroid, pot-core, or shielded inductor.
Digitally Adjustable LCD Bias Supply
_______________________________________________________________________________________
9
Figure 9a. Maximum Output Current vs. Input Voltage,
VOUT = -5V
0
INPUT VOLTAGE (V)
5
10
15
20
25
3
24
5
6
1.0
0.5
0.3
0.25
0.2
VOUT = -48V
L = 47
µH
80
0
26
20
60
INPUT VOLTAGE (V)
4
40
100
120
140
35
VOUT = -12V
L = 47
µH
0.2
0.25
0.3
0.5
1.0
60
0
INPUT VOLTAGE (V)
6
20
24
40
80
100
35
VOUT = -15V
L = 47
µH
0.2
0.25
0.3
0.5
1.0
60
0
10
50
INPUT VOLTAGE (V)
6
30
20
24
40
35
1.0
0.5
0.3
0.25
0.2
VOUT = -24V
L = 47
µH
0
INPUT VOLTAGE (V)
50
100
150
200
250
3
24
5
6
1.0
0.5
0.3
0.25
0.2
VOUT = -5V
L = 47
µH


Similar Part No. - MAX749ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490 Datasheet
360Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE++ MAXIM-MAX7490CEE+ Datasheet
360Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
More results

Similar Description - MAX749ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Maxim Integrated Produc...
MAX1932 MAXIM-MAX1932 Datasheet
399Kb / 16P
   Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Rev 1; 12/02
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
   30V Internal Switch LCD Bias Supply
2018
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
   30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
logo
Linear Technology
LTC3524 LINER-LTC3524_15 Datasheet
266Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
LTC3524 LINER-LTC3524 Datasheet
260Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com