Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA226-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA226-Q1
Description  INA226-Q1 Automotive Grade, 36-V, Bi-Directional, Zero-Drift, High Accuracy, Low- orHigh-Side, I2C Compatible Current/Power Monitor with Programmable Over-Current Alert
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA226-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA226-Q1_15 Datasheet HTML 2Page - Texas Instruments INA226-Q1_15 Datasheet HTML 3Page - Texas Instruments INA226-Q1_15 Datasheet HTML 4Page - Texas Instruments INA226-Q1_15 Datasheet HTML 5Page - Texas Instruments INA226-Q1_15 Datasheet HTML 6Page - Texas Instruments INA226-Q1_15 Datasheet HTML 7Page - Texas Instruments INA226-Q1_15 Datasheet HTML 8Page - Texas Instruments INA226-Q1_15 Datasheet HTML 9Page - Texas Instruments INA226-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
INA226-Q1
SBOS743 – JULY 2015
www.ti.com
Electrical Characteristics (continued)
TA = 25°C, VVS = 3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV and VVBUS = 12 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
0 V
≤ VSCL ≤ VVS ,
0 V
≤ VSDA ≤ VVS,
Leakage input current
0 V
≤ VAlert ≤ VVS ,
0.1
1
μA
0 V
≤ VA0 ≤ VVS ,
0 V
≤ VA1 ≤ VVS
VIH
High-level input voltage
0.7×VVS
6
V
VIL
Low-level input voltage
–0.5
0.3×VVS
V
VOL
Low-level output voltage, SDA, Alert
IOL = 3 mA
0
0.4
V
Hysteresis
500
mV
POWER SUPPLY
Operating supply range
2.7
5.5
V
IQ
Quiescent current
330
420
μA
Quiescent current, power-down
0.5
2
μA
(shutdown) mode
VPOR
Power-on reset threshold
2
V
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA226-Q1


Similar Part No. - INA226-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   I2C Compatible Current/Power Monitor
More results

Similar Description - INA226-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220-Q1 TI1-INA220-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com