Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC1000-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LDC1000-Q1
Description  LDC1000-Q1 Inductance to Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LDC1000-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LDC1000-Q1_15 Datasheet HTML 1Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 2Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 3Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 4Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 5Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 6Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 7Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 8Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Distance
0.25
0.5
0.75
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LDC1000-Q1
SLOS886B – SEPTEMBER 2014 – REVISED OCTOBER 2014
LDC1000-Q1 Inductance to Digital Converter
1 Features
3 Description
Inductive
sensing
is
a
contactless,
short-range
1
Qualified for Automotive Applications
sensing technology that enables low-cost, high-
AEC-Q100 Qualified With the Following Results:
resolution sensing of conductive targets in the
Device Temperature Grade 0: –40°C to 150°C
presence of dust, dirt, oil, and moisture, making this
Ambient Operating Temperature Range E
technology extremely reliable in harsh environments.
Using a coil that can be created for example on a
Device Temperature Grade 1: –40°C to 125°C
PCB as a sensing element, the LDC1000-Q1 device
Ambient Operating Temperature Range Q
enables ultra-low cost system solutions.
Device HBM ESD Classification Level 2
Inductive
sensing
technology
enables
precise
Device CDM ESD Classification Level C6
measurement
of
linear
or
angular
position,
Magnet-Free Operation
displacement, motion, compression, vibration, metal
composition, and many other applications in markets
Sub-Micron Precision
including automotive, consumer, computer, industrial,
Adjustable Sensing Range (through Coil Design)
medical, and communications. Inductive sensing
Lower System Cost
offers better performance and reliability at lower cost
Remote Sensor Placement (Decoupling the LDC
than other competitive solutions.
from Harsh Environments)
The LDC1000-Q1 device is the first automotive-
High Durability (by Virtue of Contact-Less
qualified LDC, offering the benefits of inductive
Operation)
sensing in a low-power, small-footprint solution. The
product is available in a 16-pin TSSOP package and
Insensitivity to Environmental Interference (such
offers several modes of operation. An SPI interface
as Dirt, Dust, Water, Oil)
simplifies connection to an MCU.
Supply Voltage, Analog: 4.75 to 5.25 V
Supply Voltage, IO: 1.8 to 5.25 V
Device Information(1)
Supply Current (Without LC Tank): 1.7 mA
PART NUMBER
PACKAGE
BODY SIZE (NOM)
RP Resolution: 16-bit
LDC1000-Q1
TSSOP (16)
5.00 mm × 4.40 mm
L Resolution: 24-bit
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
LC Frequency Range: 5 kHz to 5 MHz
Typical Application — Axial Distance Sensing
2 Applications
Drive-by-Wire Systems
Gear-Tooth Counting
Flow Meters
Push-Button Switches
Rotational Position Sensor
Linear Position Sensor
Pedal Position Sensor
Throttle Position Sensor
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LDC1000-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
More results

Similar Description - LDC1000-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000 TI-LDC1000 Datasheet
1Mb / 23P
[Old version datasheet]   LDC1000 Inductance to Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
[Old version datasheet]   LDC1001-Q1 Inductance to Digital Converter
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
[Old version datasheet]   LDC1001 Inductance-to-Digital Converter
LDC3114-Q1 TI-LDC3114-Q1_V01 Datasheet
2Mb / 63P
[Old version datasheet]   LDC3114-Q1 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
LDC3114-Q1 TI-LDC3114-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   LDC3114-Q1 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com